Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FVB28T-MQ Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP47FVB28T-MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-MQ Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP47FVB28T-MQ Datasheet HTML 50Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 51Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 52Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 53Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 54Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 55Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 56Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 57Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 54
 2020 Microchip Technology Inc.
4.1.1
POWER-ON RESET
The Power-on Reset is the case where the VDD has
power applied to it, ramping up from the VSS voltage
level. As the device powers up, the VOUT pin floats to
an unknown value. When VDD is above the transistor
threshold voltage of the device, the output starts to be
pulled low. After the VDD is above the POR/BOR trip
point (VBOR/VPOR), the resistor network’s wiper is
loaded with the POR value (midscale). The volatile
memory determines the analog output (VOUT) pin volt-
age. After the device is powered up, the user can
update the device’s memory.
When the rising VDD voltage crosses the VPOR trip
point, the following occurs:
• The nonvolatile DAC register value is latched into
volatile DAC register.
• The nonvolatile Configuration bit values are
latched into volatile Configuration bits.
• The POR Status bit is set (‘1’).
• The reset delay timer (tPORD) starts; when the
reset delay timer (tPORD) times out, the I2C serial
interface is operational. During this delay time, the
I2C interface will not accept commands.
• The Device Memory Address pointer is forced to
00h.
The Analog Output (VOUT) state is determined by the
state of the volatile Configuration bits and the DAC reg-
ister. This is called a Power-on Reset (event).
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
4.1.2
BROWN-OUT RESET
The Brown-out Reset occurs when a device has power
applied to it and that power (voltage) drops below the
specified range.
When the falling VDD voltage crosses the VPOR trip
point (BOR event), the following occurs:
• The serial interface is disabled.
• EEPROM writes are disabled.
• The device is forced into a Power-Down state
(PDnB:PDnA = ‘11’). Analog circuitry is turned off.
• The volatile DAC register is forced to 000h.
• Volatile Configuration bits VRnB:VRnA and Gx
are forced to ‘0’.
If the VDD voltage decreases below the VRAM voltage,
all volatile memory may become corrupted.
As the voltage recovers above the VPOR/VBOR voltage,
see Section 4.1.1 “Power-on Reset”.
Serial commands not completed due to a brown-out
condition may cause the memory location (volatile and
nonvolatile) to become corrupted.
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
FIGURE 4-1:
Power-On/Brown-Out Reset Operation.
Below Min.
Operating
Voltage
VPOR
VDD(MIN)
BOR,
Volatile DAC Register = 000h
Volatile VRnB:VRnA = ‘00’
VRAM
Volatile Gx = ‘0’
Volatile PDnB:PDnA = ‘11’
VBOR
POR Starts Reset Delay Timer;
After it Times Out, the Serial
Interface can Operate (if VDD  VDD(MIN))
Default
Device
Configuration
Latched into Volatile Configura-
tion Bits and DAC Register.
POR Status Bit is Set (‘1’)
Device in Unknown
State
Device
in POR
State
POR Forced
Active
Normal Operation
Device in
Power-
Down
State
Device in
Unknown
State
Volatile Memory Retains
Data Value
Volatile Memory
becomes Corrupted
TPORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com