Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FVB28T-MQ Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP47FVB28T-MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-MQ Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP47FVB28T-MQ Datasheet HTML 65Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 66Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 67Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 68Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 69Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 70Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 71Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 72Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 69
MCP47FXBX4/8
TABLE 5-2:
THEORETICAL STEP
VOLTAGE (VS)(1)
5.4.4
OUTPUT SLEW RATE
Figure 5-6 shows an example of the slew rate for the
VOUT pin. The slew rate can be affected by the charac-
teristics of the circuit connected to the VOUT pin.
FIGURE 5-6:
VOUT Pin Slew Rate.
5.4.4.1
Small Capacitive Load
With a small capacitive load (CL), the output buffer’s
current is not affected. But the VOUT pin’s voltage is not
a step transition from one output value (DAC register
value) to the next output value. The change of the VOUT
voltage is limited by the output buffer’s characteristics,
so the VOUT pin voltage will have a slope from the old
voltage to the new one. This slope is fixed for the output
buffer and is referred to as the buffer slew rate (SRBUF).
5.4.4.2
Large Capacitive Load
With a larger capacitive load, the slew rate is deter-
mined by two factors:
• The output buffer’s short-circuit current (ISC)
•The VOUT pin’s external load
IOUT cannot exceed the output buffer’s short-circuit
current (ISC), which fixes the output buffer slew rate
(SRBUF). The voltage on the capacitive load, VCL,
changes at a rate proportional to IOUT, which fixes a
capacitive load slew rate (SRCL).
The VCL voltage slew rate is limited to the slower of the
output buffer’s internally set slew rate (SRBUF) and the
capacitive load slew rate (SRCL).
5.4.5
DRIVING RESISTIVE AND
CAPACITIVE LOADS
The VOUT pin can drive up to 100 pF of capacitive load
in parallel with a 5 k
 resistive load (to meet electrical
specifications).
VOUT drops slowly as the load resistance decreases
after about 3.5 k
. It is recommended to use a load
with RL greater than 5 k.
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase mar-
gin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response with overshoot and ringing in the step
response. That is, since the VOUT pin’s voltage does
not quickly follow the buffer’s input voltage (due to the
large capacitive load), the output buffer will overshoot
the desired target voltage. Once the driver detects this
overshoot, it compensates by forcing it to a voltage
below the target. This causes voltage ringing on the
VOUT pin.
When driving large capacitive loads with the output buf-
fer, a small series resistor (RISO) at the output (see
Figure 5-7) improves the output buffer’s stability (feed-
back loop’s phase margin) by making the output load
resistive at higher frequencies. The bandwidth will be
generally lower than the bandwidth with no capacitive
load.
FIGURE 5-7:
Circuit to Stabilize Output
Buffer for Large Capacitive Loads (CL).
The RISO resistor value for your circuit needs to be
selected. The resulting frequency response peaking
and step response overshoot for this RISO resistor
value should be verified on the bench. Modify the
RISO’s resistance value until the output characteristics
meet your requirements.
A method to evaluate the system’s performance is to
inject a step voltage on the VREF pin and observe the
VOUT pin’s characteristics.
VREF
5.0
2.7
1.8
1.5
1.0
VS
1.22 mV 659 µV
439 µV
366 µV
244 µV 12-bit
4.88 mV 2.64 mV 1.76 mV 1.46 mV 977 µV 10-bit
19.5 mV 10.5 mV 7.03 mV 5.86 mV 3.91 mV 8-bit
Note 1:When Gain = 1x, VFS = VRL, and VZS = 0V.
Time
DACn = A
VOUT(A)
VOUT(B)
DACn = B
Slew Rate
VOUT B

VOUT A

–
T
--------------------------------------------------
=
Note:
Additional insight into circuit design for
driving capacitive loads can be found in
AN884 – “Driving Capacitive Loads with
Op Amps” (DS00884).
Gain
VOUT
RISO
RL
CL
VCL
VW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com