Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FVB28T-MQ Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP47FVB28T-MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-MQ Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP47FVB28T-MQ Datasheet HTML 81Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 82Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 83Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 84Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 85Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 86Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 87Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 88Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 85
MCP47FXBX4/8
FIGURE 7-5:
READ Command – Last Memory Address Accessed.
Note 1: The Acknowledge bit is generated by the MCP47FXBX4/8.
2: The master device is responsible for the A/A signal. If an A signal occurs, the MCP47FXBX4/8 will
abort this transfer and release the bus.
3: The master device will Not Acknowledge, and the MCP47FXBX4/8 will release the bus so the master
device can generate a Stop or repeated Start condition.
4: At the falling edge of the SCL pin for the READ command ACK bit, the MCP47FXBX4/8 device updates
the value of the specified device register.
5: This command sequence does not need to terminate (using the Stop bit) and the READ command can
be repeated (see continuous read format, Section 7.2.2 “Continuous Reads”).
I2C ACK bit (1)
SA
6
S
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
1
A
A
P
S
SA
n
I2C Start bit
I2C Slave Address
I2C Stop bit(5)
D
nn
Data (read from memory)
Control byte
Legend:
0
0
0
0
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
A
P
A
Data Read MSB
Data Read LSB
A
I2C ACK bit(2)
I2C NACK bit(3, 4)
A
1
I2C Read bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com