Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843 Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 58Page - Maxim Integrated Products MAX17843 Datasheet HTML 59Page - Maxim Integrated Products MAX17843 Datasheet HTML 60Page - Maxim Integrated Products MAX17843 Datasheet HTML 61Page - Maxim Integrated Products MAX17843 Datasheet HTML 62Page - Maxim Integrated Products MAX17843 Datasheet HTML 63Page - Maxim Integrated Products MAX17843 Datasheet HTML 64Page - Maxim Integrated Products MAX17843 Datasheet HTML 65Page - Maxim Integrated Products MAX17843 Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
READDEVICE Command
The READDEVICE command returns a 16-bit word read
from the specified register in the addressed device only.
If the register address is not valid for the device, the com-
mand is ignored. The command sequence is shown in
Table 31.
The command packet is forwarded up the daisy-chain until
it reaches the addressed device. The addressed device
overwrites the received fill bytes with the two bytes of reg-
ister data and forwards the packet to the next device. The
alive-counter byte is only incremented by the addressed
device. A Manchester error immediately switches the
data propagation from read mode to write (pass-through)
mode, ensuring that the Manchester error is propagated
through the daisy-chain and back to the host.
Table 31. READDEVICE Sequencing
*If alive-counter mode is enabled.
HOST TX
DEVICE RXL
DEVICE TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
{DA[4:0], 0b101}
{DA[4:0], 0b101}
{DA[4:0], 0b101}
{DA[4:0], 0b101}
[REG ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[DC]
[DC]
[DATA LSB]
[DATA LSB]
[PEC]
[PEC]
[DATA MSB]
[DATA MSB]
[ALIVE]*
[ALIVE]*
[DC]
[DC]
[FD(1) C2h]
[FD(1) C2h]
[PEC]
[PEC]
[FD(1) D3h]
[FD(1) D3h]
[ALIVE]*
[ALIVE]*
Stop
Stop
Stop
Stop
16 characters
16 characters
16 characters
16 characters
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com