Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 29Page - Maxim Integrated Products MAX17843 Datasheet HTML 30Page - Maxim Integrated Products MAX17843 Datasheet HTML 31Page - Maxim Integrated Products MAX17843 Datasheet HTML 32Page - Maxim Integrated Products MAX17843 Datasheet HTML 33Page - Maxim Integrated Products MAX17843 Datasheet HTML 34Page - Maxim Integrated Products MAX17843 Datasheet HTML 35Page - Maxim Integrated Products MAX17843 Datasheet HTML 36Page - Maxim Integrated Products MAX17843 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 131 page
background image
Infinite Impulse Response Filtering (IIR Filter):
To augment the accuracy performance, an IIR filtering
scheme is implemented where the results of the cell volt-
ages are filtered after the oversampling. The IIR filter is
implemented by the simple equation below:
Y(n) = FC x X(n) + (1 - FC) x Y(n-1)
where FC = filter coefficient, user-selectable 3 bits.
The default value is b’010, which has a weight of 3/8:
● X (n) = 3/8
● Y (n-1) = 5/8
The detailed filter coefficient settings are mentioned in the
DEVCFG1 register. The filter can be turned off by setting
the coefficient bits to b’111. The smaller that coefficient
is, the more the history, represented by Y (n-1) outputs in
the equation, so it’s a tradeoff between response times to
change in input value versus the noise attenuation. Refer
to the application note in detail for how the filter affects the
accuracy performance of MAX17843.
Two new bits are added for the control of the data flow
through the filter:
1) AMEND Filter (AMENDFILT) bit
2) Read Filter (RDFILT) bit
AMENDFILT is in SCANCTRL register 0x13.
This bit when set to ‘1’ enables the automatic transfer
of the new ADC conversion from the ALUn to CELLn
registers through the IIR filter at the end of the scan. The
default value is ‘0’, which keeps the scan conversion data
in the ALUn register as an unfiltered result.
Figure 11. IIR Filter Block Diagram
Table 8. AMENDFILT Bit
AMENDFILT BIT
FUNCTIONALITY AND RECOMMENDED USAGE
0
No transfer of the ADC conversion result from ALUn to CELLn registers. Unfiltered data is stored in ALUn
registers at the end of the scan. This bit should be set to ‘0’ during any diagnostic conversion such as open-
sense wire, or using balancing switches.
1
Automatic transfer of the ADC conversion result from ALUn to CELLn registers at the end of the scan
through the IIR filter. Instantaneous unfiltered data is available in ALUn registers while the filtered data is
stored in the CELLn registers. This bit should be set to ‘1’ during normal cell-voltage measurements.
COMBINATIONAL
LOGIC
X(n)
INTERNAL
REGISTER
Y(n)
USER
REGISTER
Y(n-1)
IIR FILTER LOGIC
DIAGRAM
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com