Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 4Page - Maxim Integrated Products MAX17843 Datasheet HTML 5Page - Maxim Integrated Products MAX17843 Datasheet HTML 6Page - Maxim Integrated Products MAX17843 Datasheet HTML 7Page - Maxim Integrated Products MAX17843 Datasheet HTML 8Page - Maxim Integrated Products MAX17843 Datasheet HTML 9Page - Maxim Integrated Products MAX17843 Datasheet HTML 10Page - Maxim Integrated Products MAX17843 Datasheet HTML 11Page - Maxim Integrated Products MAX17843 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 131 page
background image
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 8
Figure 38. VAA Diagnostic ADC2................................................................. 67
Figure 39. LSAMP Offset Diagnostic.............................................................. 68
Figure 40. ADC Zero-Scale Diagnostic ............................................................ 68
Figure 41. ADC Full-Scale Diagnostic ............................................................. 69
Figure 42. Balancing Switch Short................................................................ 70
Figure 43. BALSW Short Diagnostic .............................................................. 70
Figure 44. BALSW Open Diagnostics ............................................................. 72
Figure 45. Cell Sense-Wire Open Diagnostics ...................................................... 73
Figure 46. Sense-Wire Open Diagnostic ............................................................74
Figure 47. Test Current Sources ................................................................. 76
Figure 48. Shutdown Diagnostic Timing ........................................................... 77
Figure 49. HVMUX Switch Open Diagnostic ........................................................ 77
Figure 50. SWn to Cn Short..................................................................... 80
Figure 51. SWn-1 to Cn Short ................................................................... 80
Figure 52. Redundant HVMUX Paths ............................................................. 81
Figure 53. HVMUX Sequencer Diagnostic ......................................................... 82
Figure 54. HVMUX Sequencer Diagnostic ......................................................... 83
Figure 55. ALU Diagnostic ...................................................................... 84
Figure 56. AUXINn Open Diagnostic .............................................................. 85
Figure 57. AUXINn Open Diagnostic .............................................................. 86
Figure 58. Electric Vehicle System ............................................................... 88
Figure 59. Daisy-Chain System .................................................................. 89
Figure 60. Distributed System ................................................................... 90
Figure 61. External Cell Balancing (BJT)........................................................... 91
Figure 62. UART Connection.................................................................... 92
Figure 63. High-Z Idle Mode Application Circuit ..................................................... 93
Figure 64. External ESD Protection for UART TX Ports ............................................... 93
Figure 65. External ESD Protection for UART RX Ports............................................... 94
Figure 66. Application Circuit for Single-Ended Mode ................................................ 94
Figure 67. UART Transformer Isolation ............................................................ 95
Figure 68. UART Optical Isolation ................................................................ 96
Figure 69. Device Initialization Sequence in Differential Mode.......................................... 97
Figure 70. CRC Calculation ..................................................................... 97
Figure 71. PEC Calculation Pseudocode........................................................... 98
LIST OF FIGURES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com