Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843ACBV Datasheet(PDF) 56 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 56 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 52Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 53Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 54Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 55Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 56Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 57Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 58Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 59Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 60Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 131 page
background image
Stop Character
The stop character is a framing character that signals the
end of a command packet. It is transmitted as an unen-
coded 54h with a logic-one parity bit and a balanced duty
cycle (see Figure 34).
UART Idle Mode
In the low-Z (default) idle mode, the transmitter outputs are
both driven to 0V (see Figure 35). In the high-Z idle mode,
the transmitter outputs are not driven by the UART. The
MAX17841B interface automatically places its transmitter
in idle mode immediately after each command packet
and remains in idle mode until either the next command
packet is sent or it goes into keep-alive mode, send-
ing periodic stop characters to prevent the daisy-chain
device(s) from going into shutdown.
UART Communication Mode
When transitioning from idle mode to communication
mode, the TXnP pin must be pulled high (logic-one) prior
to signaling the start bit (logic-zero) (see Figure 35). The
duration of the logic-one is minimized to maintain a bal-
anced duty-cycle while still meeting the timing specifica-
tion. When transitioning from the stop bit back to idle
mode, the delay, if any, is also minimized.
Figure 34. Stop Character
Figure 35. Communication Mode
S
0
1
0
0
1
0
1
0 E = 1 P
P
OPTIONAL
IDLE
OPTIONAL
IDLE
IDLE
DISABLE
IDLE
ENABLE
TXnP
TXnN
IDLE
IDLE
PREAMBLE
tSTSU
TXnP-TXnN
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com