Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843ACBV Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 40Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 41Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 42Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 43Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 44Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 45Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 46Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 47Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 131 page
background image
Low-Voltage Regulator
An internal linear regulator supplies low-voltage power
(VAA) for the ADC and digital logic. The regulator is
disabled when SHDNL is active-low or when the die tem-
perature (TDIE) exceeds 145°C. Once VAA decays below
2.95V (typ), an internal power-on reset (POR) is gener-
ated (see Figure 21). This event can be detected with
the ALRTRST bit, as shown in Table 16. After a thermal
shutdown, the regulator is not enabled until TDIE < 130°C
due to hysteresis.
The low-voltage regulator is continuously monitored for
undervoltage, as described in Table 17.
Table 16. Low-Voltage Regulator
Table 17. Low-Voltage Regulator Diagnostic
Figure 21. Low-Voltage Regulator
INPUT: DCIN
INPUT VOLTAGE: 9V to 65V
OUTPUT: VAA
OUTPUT VOLTAGE: 3.3V
DISABLE: VSHNDL < 0.6V or TDIE > 145°C
FAULT
CONDITION
ALERT
LOCATION
VAA undervoltage
VAA < 2.95V
ALRTRST
STATUS[15]
REGULATOR
ENABLE
DCIN
CDCIN
+
RDCIN
LINEAR
REGULATOR
CVAA
CSHDNL
TO SHDNL
CHARGE PUMP
THERMAL
SHUTDOWN
+
-
INTERNAL
POR/
+
-
3.0V
20MV
HYST.
VAA
SHDNL
AGND
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com