Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843ACBV Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 15Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 16Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 17Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 18Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 19Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 20Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 21Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 22Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 131 page
background image
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40°C and TMAX =+125°C. Typical values are at TA = +25°C.
Operation is with the recommended application circuit.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ALRTHVUV Threshold
VHVUV
VHV - VDCIN falling
3.8
4.1
4.25
V
ALRTHVOV Threshold
VHVOV
VHV - VDCIN rising
7
8.5
10
V
ALRTTEMP Threshold
(Note 9)
TALRTTEMP
115
120
125
°C
ALRTTEMP Hysteresis
(Note 9)
TALRTTEMP
HYS
2
°C
UART OUTPUTS (TXLP, TXLN, TXUP, TXUN)
Output Low Voltage
VOL
ISINK = 20mA
0.4
V
Output High Voltage
(TXLP, TXLN)
VOH
ISOURCE = 20mA
VDDL2 - 0.4
V
Output High Voltage
(TXUP, TXUN)
VOH
ISOURCE = 20mA
VDDL3 - 0.4
V
Leakage Current
ILKG_TX
VTX = 1.5V
-1
+1
µA
UART INPUTS (RXLP, RXLN, RXUP, RXUN)
Input Voltage Range
VRX
-25
+25
V
Receiver High Comparator
Threshold (Notes 13, 17)
VCH
VDDL/
2 - 0.4
VDDL/2
VDDL/
2 + 0.4
V
Receiver Zero-Crossing
Comparator Threshold
(Note 13)
VZC
-0.4
0
+0.4
V
Receiver Low Comparator
Threshold (Notes 13, 17)
VCL
-VDDL/
2 - 0.4
-VDDL/2
-VDDL/
2 + 0.4
V
Receiver Comparator
Hysteresis (Note 13)
VHYS_RX
75
mV
Receiver Common-Mode
Voltage Bias (Notes 13, 17)
VCM
VDDL/3
V
Leakage Current
ILKG_RX
VRX = 1.5V
±1.0
µA
Input Capacitance
(RXLP, RXLN)
CRXL
4
pF
Input Capacitance
(RXUP, RXUN)
CRXU
2
pF
UART TIMING
Bit Period (Note 14)
tBIT
Baud rate = 2Mb/s
8
1/fOSC
_16M
Baud rate = 1Mb/s
16
Baud rate = 0.5Mb/s
32
Rx Idle to START Setup
Time (Notes 9, 15)
tRXSTSU
0
1
tBIT
STOP Hold Time to Idle
(Notes 9, 15)
tSPHD
4
1/fOSC
_16M
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 19
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com