Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEF12H60M Datasheet(PDF) 17 Page - STMicroelectronics

Part # STEF12H60M
Description  60 A electronic fuse for 12 V DC rail
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12H60M Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STEF12H60M Datasheet HTML 13Page - STMicroelectronics STEF12H60M Datasheet HTML 14Page - STMicroelectronics STEF12H60M Datasheet HTML 15Page - STMicroelectronics STEF12H60M Datasheet HTML 16Page - STMicroelectronics STEF12H60M Datasheet HTML 17Page - STMicroelectronics STEF12H60M Datasheet HTML 18Page - STMicroelectronics STEF12H60M Datasheet HTML 19Page - STMicroelectronics STEF12H60M Datasheet HTML 20Page - STMicroelectronics STEF12H60M Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
During the startup, GOK is released once UVLO is reached, under the condition that Vout is below VDS_OK (drain
to source short detection, see Section 6.9 ), therefore it cannot be used directly as a Power Good flag. GOK is
also pulled to low level in the case of any of the faults described in Section 6.9 .
6.9
Diagnostic functions and protections
The STEF12H60M embeds several internal diagnostic features that prevent fault condition induced internally that
may affect the application (refer to Section 5 Electrical characteristics):
•
Power MOSFET gate leakage check during startup and normal operation (VGate-VIN < 5.6 V)
•
Gate shorted-to-VIN
•
Drain to source short in disabled mode (ON pin low). This protection prevents a new startup until the VOUT
falls below the VDS_Ok value.
•
VOUT too low (VOUT < 90% of VIN) after soft-start
•
VOUT does not reach 90% of VIN in 200 ms during startup
•
Charge pump error
•
Pull-down circuit error
In any case of fault, the GOK indicator is pulled down and the soft-start capacitor is discharged.
6.10
Latch (STEF12H60MPUR) and auto-retry versions (STEF12H60MAPUR)
The STEF12H60M electronic fuse is offered in two variants that differ in how the device reacts after a fault
condition (see Section 6.8 and Section 6.9 ). In particular, the STEF12H60MPUR latches off after a fault
and can be reset by pulling the VDD pin below the UVLO threshold or by re-cycling the supply voltage. The
STEF12H60MAPUR instead stays in OFF mode for 1 s. (TRetry) and after restarts automatically, initiating a
soft-start cycle. The number of restart cycles is not internally limited .
STEF12H60M
Diagnostic functions and protections
DS13608 - Rev 3
page 17/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com