Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEF12H60M Datasheet(PDF) 32 Page - STMicroelectronics

Part # STEF12H60M
Description  60 A electronic fuse for 12 V DC rail
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12H60M Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STEF12H60M Datasheet HTML 26Page - STMicroelectronics STEF12H60M Datasheet HTML 27Page - STMicroelectronics STEF12H60M Datasheet HTML 28Page - STMicroelectronics STEF12H60M Datasheet HTML 29Page - STMicroelectronics STEF12H60M Datasheet HTML 30Page - STMicroelectronics STEF12H60M Datasheet HTML 31Page - STMicroelectronics STEF12H60M Datasheet HTML 32Page - STMicroelectronics STEF12H60M Datasheet HTML 33Page - STMicroelectronics STEF12H60M Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 8
Table 3.
Thermal data....................................................................... 8
Table 4.
Recommended operating conditions....................................................... 9
Table 5.
Electrical characteristics .............................................................. 10
Table 6.
Output voltage rise time vs. CSS value (VIN = 12 V) ........................................... 14
Table 7.
QFN 32 (5 x 5) package mechanical data .................................................. 26
Table 8.
QFN 32 (5 x 5) reel data .............................................................. 28
Table 9.
Order codes ...................................................................... 29
Table 10.
Document revision history ............................................................. 30
STEF12H60M
List of tables
DS13608 - Rev 3
page 32/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com