Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC10H12G2-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC10H12G2-TR
Description  1200 V, 10 A, silicon carbide power Schottky diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12G2-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPSC10H12G2-TR Datasheet HTML 3Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 4Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 5Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 6Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 7Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 8Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 9Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 10Page - STMicroelectronics STPSC10H12G2-TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Table 5. D²PAK high voltage package mechanical data
Ref.
Dimensions
Min.
Typ.
Max.
A
4.30
-
4.70
A1
0.03
-
0.20
C
1.17
-
1.37
D
8.95
-
9.35
e
4.98
-
5.18
E
0.50
-
0.90
F
0.78
-
0.85
F2
1.14
-
1.70
H
10.00
-
10.40
H1
7.40
-
7.80
J1
2.49
-
2.69
L
15.30
-
15.80
L1
1.27
-
1.40
L2
4.93
-
5.23
L3
6.85
-
7.25
L4
1.5
-
1.7
M
2.6
-
2.9
R
0.20
-
0.60
V
-
Figure 10. D²PAK high voltage footprint in mm
15,95
7,46
3,40
5,08
1,20
10,58
5,10
STPSC10H12G2-TR
D²PAK high voltage package information
DS13404 - Rev 1
page 7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com