Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS69P22 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CMS69P22
Description  CMS69P22, 8-bit OTP-CMS69P22 Special Two-in-one Induction Cooker MCU / DIP-20 package
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMS69P22 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CMS69P22 Datasheet HTML 17Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 18Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 19Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 20Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 21Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 22Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 23Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 24Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
中微股份
CMS69P22
www.mcu.com.cn
- 16 -
内部试用版
★ 例:立即寻址目标操作数
LDIA
030H
ANDIA
030H
XORIA
030H
…
★ 例:双操作数指令的第一操作数
HSUBA
R
HSUBR
R
…
★ 例:双操作数指令的第二操作数
SUBA
R
ADDA
R
…
2.5
程序状态寄存器(FLAGS)
寄存器 FLAGS 中包含 ALU 运算状态信息、系统复位状态信息,其中,位 TF 和PF 显示系统复 位状态
信息,包括上电复位、外部复位和看门狗复位;位 C、DC 和 Z 显示 ALU 的运算信息。
03H
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
FLAGS
TF
PF
-
-
OV
Z
HC
C
读写
不可读写
不可读写
-
-
R/W
R/W
R/W
R/W
复位值
不同复位,值不同
不同复位,值不同
-
-
X
X
X
X
BIT7
TF:WDT 溢出标志
1 = 上电或执行CLRWDT指令或执行STOP指令后;
0 =
WDT溢出后 。
Bit 6
PF:低功耗标志
1 = 上电或执行了CLRWDT后;
0 =
执行STOP指令后 。
Bit 5
未用
BIT4
未用
BIT3
OV:数学运算溢出标志
运算结果高两位进位状态异或结果为1时,OV置1。
BIT2
C:进位标志
1 = 加法运算后有进位、减法运算没有借位发生或移位后移出逻辑“1”或比较运算的结果 ≥ 0;
0 =加法运算后没有进位、减法运算有借位发生或移位后移出逻辑“0”或比较运算的结果 < 0。
BIT1
HC:辅助进位标志
1 = 加法运算时低四位有进位,或减法运算后没有向高四位借位;
0 = 加法运算时低四位没有进位,或减法运算后有向高四位借位。
BIT0
Z:零标志
1 = 算术/逻辑/分支运算的结果为零;
0 =
算术/逻辑/分支运算的结果非零。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com