Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS69P22 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # CMS69P22
Description  CMS69P22, 8-bit OTP-CMS69P22 Special Two-in-one Induction Cooker MCU / DIP-20 package
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMS69P22 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button CMS69P22 Datasheet HTML 30Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 31Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 32Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 33Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 34Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 35Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 36Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 37Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
中微股份
CMS69P22
www.mcu.com.cn
- 29 -
内部试用版
4.5.4
稳压二极管复位电路
稳压二极管复位电路是一种简单的 LVR 电路,基本上可以解决掉电复位问题。如上图电路中,利用稳压
管的击穿电压作为电路复位检测值,当 VDD 高于“Vz + 0.7V”时,三极管集电极输出高电平,单片机正常
工作;当 VDD 低于“Vz + 0.7V”时,三极管集电极输出低电平,单片机复位。稳压管规格不同则电路复位
检测值不同,根据电路的要求选 择合适的二极管。
注:上述外部复位电路中,R2 电阻不能取消,以提高 REST 口的抗 EMC 及 ESD 能力。
VZ
R2
1K
R3
10K
VSS
VDD
VSS
REST
VDD
R1
MCU
R4
10K
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com