Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS69P22 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # CMS69P22
Description  CMS69P22, 8-bit OTP-CMS69P22 Special Two-in-one Induction Cooker MCU / DIP-20 package
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMS69P22 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button CMS69P22 Datasheet HTML 76Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 77Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 78Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 79Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 80Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 81Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 82Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 83Page - List of Unclassifed Manufacturers CMS69P22 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
中微股份
CMS69P22
www.mcu.com.cn
- 75 -
内部试用版
11.2
与 ADC 相关寄存器
有两个寄存器与 ADC 相关,分别是数据存储器 ADDATA,AD 控制寄存器 ADCON。
09H
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
ADDATAH
R/W
R
R
R
R
R
R
R
R
复位值
X
X
X
X
X
X
X
X
1BH
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
ADDATAL
未用
未用
未用
未用
未用
未用
R/W
R
R
--
--
--
--
--
--
复位值
X
X
0
0
0
0
0
0
15H
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
ADCON
通道选择位
EOC
时钟选择
CONV
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
复位值
X
X
X
X
X
X
X
X
BIT7~BIT4 AD 通道选择位
0000: 选择 AN0 通道
0001: 选择 AN1 通道
0010: 选择 AN2 通道
0011: 选择 AN3 通道
其他: 无效
BIT3 EOC:结束标志
0:转换未完成
1:转换结束
BIT2、BIT1 AD 时钟选择位
00:Fcpu/16
01:Fcpu/8
10:Fcpu/4
11:Fcpu/2
BIT0 CONV:AD 转换开始信号
“0”→“1”→“0”:AD 转换开始
ADDATAH 和 ADDATAL 是A/D转换结果寄存器,是只读寄存器,当完成A/D 转换后可从ADDATAH 跟 ADDATAL 中
读取A/D转换结果。
ADCON 是A/D 转换控制寄存器,用来定义A/D转换时钟,模拟输入通道选择,A/D 转换开始控制和完成标志。
如果要进行A/D 转换要先定义好I/O 口的设置选择,转换的模拟通道,然后给CONV控制位一个上升沿信号和一个
下降沿信号:0→ 1→ 0, 完成A/D 转换后EOC位会被置1,若A/D 中断被允许,则会产生A/D转换中断。当CONV 标
志由0 置为1 时EOC也会清零。
注:A/D中断请求标志F_AD须由软件清除,为了确保A/D 转换顺利完成CONV 位应保持为0
直到EOC位变为1(A/D 转换完成信号)。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com