Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V51T-E/MS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6V51T-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51T-E/MS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6V51T-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 9Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 10Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
 2018 Microchip Technology Inc.
DS20006136A-page 7
MCP6V51
1.3
Timing Diagrams
The Timing Diagrams provide a depiction of the
Amplifier Step Response specifications listed under the
AC Electrical Specifications table.
FIGURE 1-1:
Amplifier Start-Up.
FIGURE 1-2:
Offset Correction Settling
Time.
FIGURE 1-3:
Output Overdrive Recovery.
1.4
Test Circuits
The circuits used for most DC and AC tests are shown
in Figure 1-4 and Figure 1-5. Lay the bypass
capacitors out as discussed in Section 4.3.10 “Supply
Bypassing and Filtering”. RN is equal to the parallel
combination of RF and RG to minimize bias current
effects.
FIGURE 1-4:
AC and DC Test Circuit for
Most Noninverting Gain Conditions.
FIGURE 1-5:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
The circuit in Figure 1-6 tests the input’s dynamic
behavior (i.e., tSTR, tSTL and tODR). The potentiometer
balances the resistor network (VOUT should equal VREF
at DC). The op amp’s Common Mode Input Voltage is
VCM =VIN/3. The error at the input (VERR) appears at
VOUT with a noise gain of approx. 10 V/V.
FIGURE 1-6:
Test Circuit for Dynamic
Input Behavior.
VDD
VOUT
1.01(VDD/3)
0.99(VDD/3)
tSTR
0V
VDD
2.3V
VIN
VOS
VOS +100 µV
VOS –100 µV
tSTL
VIN
VOUT
VDD
VSS
tODR
tODR
VDD/2
VDD
RG
RF
RN
VOUT
VIN
VDD/3
1µF
CL
RL
VL
100 nF
RISO
MCP6V51
+
-
VDD
RG
RF
RN
VOUT
VDD/3
VIN
1µF
CL
RL
VL
100 nF
RISO
MCP6V51
+
-
VDD
VOUT
1µF
CL
VL
RISO
1.1 kΩ
249Ω
1.1 kΩ
500Ω
VIN
VREF =VDD/3
0.1%
0.1%
25 turn
10 kΩ
10 kΩ
0.1%
0.1%
RL
0 Ω
100 pF
open
100 nF
1%
MCP6V51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com