Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V51T-E/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V51T-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51T-E/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V51T-E/MS Datasheet HTML 1Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 2Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
 2018 Microchip Technology Inc.
DS20006136A-page 1
MCP6V51
Features
• High DC Precision:
-VOS Drift: 36 nV/°C (max.)
-VOS: 15 µV (max.)
- Open-Loop Gain: 140 dB (min.)
- PSRR: 134 dB (min.)
- CMRR: 135 dB (min.)
•Low Noise:
- 10.2 nV/√ Hz at 1 kHz
-Eni: 0.21 µVP-P, f = 0.1 Hz to 10 Hz
•Low Power:
-IQ: 470 µA/amplifier (typ.)
- Wide Supply Voltage Range: 4.5V to 45V
•Easy to Use:
- Input Range incl. Negative Rail
- Rail-to-Rail Output
- EMI Filtered Inputs
- Gain Bandwidth Product: 2 MHz
- Slew Rate 1.2V/µs
- Unity Gain Stable
• Small Packages: 5-Lead SOT23, 8-Lead MSOP
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Industrial Instrumentation, PLC
• Process Control
• Power Control Loops
• Sensor Conditioning
• Electronic Weight Scales
• Medical Instrumentation
• Automotive Monitors
• Low-side Current Sensing
Design Aids
• Microchip Advanced Part Selector (MAPS)
• Application Notes
Related Parts
• MCP6V71/1U/2/4: Zero-Drift, 2 MHz, 1.8V to 5V
• MCP6V81/1U/2/4: Zero-Drift, 5 MHz, 1.8V to 5V
General Description
The Microchip Technology Inc. MCP6V51 operational
amplifier employs dynamic offset correction for very
low offset and offset drift. The device has a gain
bandwidth product of 2 MHz (typical). It is unity-gain
stable, has virtually no 1/f noise and excellent Power
Supply Rejection Ratio (PSRR) and Common Mode
Rejection Ratio (CMRR). The product operates with a
single supply voltage that can range from 4.5V to 45V,
(±2.25V to ±22.5V), while drawing 470 µA (typical) of
quiescent current.
The MCP6V51 op amp is offered as a single-channel
amplifier and is designed using an advanced CMOS
process.
Package Types
Typical Application Circuit
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6V51
SOT-23-5
VIN+
VIN–
VSS
1
2
3
4
8
7
6
5
NC
NC
VDD
VOUT
NC
MCP6V51
MSOP-8
RF
8.2 nF
VOUT
40VDD
RSHUNT
RG
0.05Ω
20 kΩ
100Ω
U1
MCP6V51
+
-
40VDD
CF
Load
IL
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering


Similar Part No. - MCP6V51T-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V51T-E/MS MICROCHIP-MCP6V51T-E/MS Datasheet
5Mb / 50P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
Revision B (May 2022)
More results

Similar Description - MCP6V51T-E/MS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707 AD-AD707 Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V51 MICROCHIP-MCP6V51_V01 Datasheet
5Mb / 50P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
Revision B (May 2022)
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com