Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8774 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
18
DSP LATE MODE
In DSP late mode, the MSB of DAC channel left data is sampled by the WM8774 on the first BCLK
rising edge following a DACLRC rising edge (Figure 14).
DACLRC
BCK
DIN
Word Length (WL)
1/fs
CHANNEL LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL RIGHT
NO VALID DATA
1
Figure 14 DSP Late Mode Timing Diagram – DAC Data Input
The MSB of the left channel ADC data is output on DOUT and changes on the same falling edge of
BCLK as the low to high ADCLRC transition and may be sampled on the rising edge of BCLK. The
right channel ADC data is contiguous with the left channel data (Figure 15).
ADCLRC
BCK
DOUT
Word Length (WL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1
Figure 15 DSP Late Mode Timing Diagram – ADC Data Output
In both early and late DSP modes, DACL is always sent first, followed immediately by DACR. No
BCLK edges are allowed between the data words.
CONTROL INTERFACE OPERATION
The WM8774 is controlled using a 3-wire serial interface a SPI compatible.
The control interface is 5V tolerant, meaning that the control interface input signals CE, CL and DI
may have an input high level of 5V while DVDD is 3V. Input thresholds are determined by DVDD.
RESETB is also 5V tolerant.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
DI is used for the program data, CL is used to clock in the program data and CE is used to latch the
program data. DI is sampled on the rising edge of CL. The 3-wire interface protocol is shown in
Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com