Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8774 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
RAG[4:0]
01100
(0dB)
Attenuation data for right channel ADC gain in 1dB steps
5
MUTE
0
Mute for Right channel ADC:
0: Mute off
1: Mute on
11010
Attenuation
ADCR
6
LRBOTH
0
Setting LRBOTH will write the same gain value to RAG[4:0] and
LAG[4:0]
2:0
LMX[2:0]
000
ADC left channel input mux control bits
6:4
RMX[2:0]
000
ADC right channel input mux control bits
11011
ADC mux
control
8
AINPD
1
2:0
MX[2:0]
001
VOUT1 Output select (see Figure 18)
11100
Output mux
and
powerdown
control
8:7
OUTPD
1
Mixer and EVR Powerdown select
0: mixer and EVR enabled
1: mixer and EVR powered down
11111
Software
reset
[8:0]
RESET
Not reset
Writing to this register will apply a reset to the device registers.
Table 14 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com