Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8774 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
24
DAC ANALOGUE VOLUME CONTROL
The DAC volume may be adjusted independently in both the analogue and digital domain using
separate volume control registers.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LA[6:0]
1111111
(0dB)
Attenuation data for Left channel DACL in 1dB steps. See Table 10
7
LZCEN
0
DACL zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00000
Analogue
Attenuation
DACL
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store LA in intermediate latch (no change to output)
1: Store LA and update attenuation on all channels.
6:0
RA[6:0]
1111111
(0dB)
Attenuation data for Right channel DACR in 1dB steps. See Table 10
7
RZCEN
0
DACR zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00001
Analogue
Attenuation
DACR
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store RA in intermediate latch (no change to output)
1: Store RA and update attenuation on all channels.
6:0
MASTA[6:0]
1111111
(0dB)
Attenuation data for all channel DAC in 1dB steps. See Table 10
7
MZCEN
0
Master zero cross detect enable
0: zero cross disabled
1: zero cross enabled
01000
Master
Analogue
Attenuation
(both channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on all channels.
Table 9 Attenuation Register Map
Each DAC channel volume can be controlled digitally in an analogue volume stage after the DAC.
Attenuation is 0dB by default but can be set between 0 and –100dB in 1dB steps using the 7
Attenuation control words. All attenuation registers are double latched allowing new values to be pre-
latched to several channels before being updated synchronously. Setting the UPDATE bit on any
attenuation write will cause all pre-latched values to be immediately applied to the DAC channels. A
master attenuation register is also included, allowing all volume levels to be set to the same value in
a single write.
Note: The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to the pre-
latch but not applied to the relevant DAC. If UPDATE=1, all pre-latched values will be applied from
the next input sample. Writing to MASTA[6:0] overwrites any values previously sent to LA[6:0] and
RA[6:0].
In addition a zero cross detect circuit is provided for each DAC volume under the control of bit 7
(xZCEN) in each DAC attenuation register. When ZCEN is set the attenuation values are only
updated when the input signal to the gain stage is close to the analogue ground level. This minimises
audible clicks and ‘zipper’ noise as the gain values change. A timeout clock is also provided which
will generate an update after a minimum of 131072 master clocks (= ~10.5ms with a master clock of
12.288MHz). The timeout clock may be disabled by setting TOD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com