Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3562-E/ST Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3562-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562-E/ST Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3562-E/ST Datasheet HTML 21Page - Microchip Technology MCP3562-E/ST Datasheet HTML 22Page - Microchip Technology MCP3562-E/ST Datasheet HTML 23Page - Microchip Technology MCP3562-E/ST Datasheet HTML 24Page - Microchip Technology MCP3562-E/ST Datasheet HTML 25Page - Microchip Technology MCP3562-E/ST Datasheet HTML 26Page - Microchip Technology MCP3562-E/ST Datasheet HTML 27Page - Microchip Technology MCP3562-E/ST Datasheet HTML 28Page - Microchip Technology MCP3562-E/ST Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 25
MCP3561/2/4
3.3.3
SERIAL DATA OUTPUT PIN (SDO)
This pin is used for the SPI Data Output (SDO). The
SDO data are clocked out on the falling edge of SCK.
This pin stays high-impedance under the following
conditions:
• When CS pin is logic high.
• During the entire SPI write or Fast command
communication period after the SPI command
byte has been transmitted.
• After the two device address bits in the command
are transmitted, if the device address in the com-
mand does not match the internal chip device
address.
3.3.4
SERIAL DATA INPUT PIN (SDI)
This is the SPI Data Input (SDI) pin and it uses a
Schmitt Trigger structure. When CS is logic low, this
pin is used to send a command byte just after the CS
falling edge, which can be followed by data words of
various lengths. Data are clocked into the device on
the rising edge of SCK. Toggling SDI while reading a
register has no effect.
3.4
IRQ/MDAT
This is the digital output pin. This pin can be configured for
Interrupt (IRQ) or Modulator Data (MDAT) output using
the IRQ_MODE[1] bit setting. When IRQ_MODE[1] = 0
(default), this pin can output all four possible interrupts
(see Section 6.8 “Interrupts Description”). The
Inactive state of the pin is selectable through the
IRQ_MODE[0] bit setting (high-Z or logic high).
When IRQ_MODE[1] = 1, this pin outputs the modulator
output synchronously with AMCLK (that can be
selected as an output on the MCLK pin). In this mode,
the POR and CRC interrupts can still be generated, as
they are high-level interrupts, and will lock the
IRQ/MDAT pin to logic low until they are cleared.
When the IRQ pin is in High-Z mode, an external
pull-up resistor must be connected between DVDD and
the IRQ pin. The device needs to be able to detect a
Logic High state when no interrupt occurs in order to
function properly (the pad has an input Schmitt Trigger
to detect the state of the IRQ pin just like the user sees
it). The pull-up value can be equal to 100-200 k
 for a
weak pull-up using the typical clock frequency. The
pull-up resistor value must be selected in relation with
the load capacitance of the IRQ output, the MCLK
frequency and the DVDD supply voltage, so that all
interrupts can be correctly detected by the SPI host
device.
3.5
MCLK
This pin is either the MCLK digital input pin for the ADC
or the AMCLK digital output pin, depending on the
CLK_SEL[1:0] bit settings in the CONFIG0 register.
The typical clock frequency specified is 4.9152 MHz.
To optimize the ADC for accuracy and ensure proper
operation, AMCLK should be limited to a certain range
depending on the BOOST and GAIN settings. The
higher GAIN settings require higher BOOST settings
to maintain high bandwidth, as the input sampling
capacitors have a larger value. Figure 2-20, Figure 2-21,
Figure 2-22, Figure 2-23 and Figure 2-24 represent the
typical accuracy (SINAD) expected with the different
combinations of BOOST and GAIN settings, and can
be used to determine an optimal set for the application
depending on the sampling speed (AMCLK) chosen.
MCLK can take larger values as long as the prescaler
settings (PRE[1:0]) limit AMCLK = MCLK/PRESCALE in
the range shown in Section 2.0 “Typical Performance
Curves”.
3.6
Digital Ground (DGND)
DGND is the ground connection to internal digital
circuitry. To ensure accuracy and noise cancellation,
DGND must be connected to the same ground as
AGND, preferably with a star connection. If a digital
ground plane is available, it is recommended that this
pin be tied to this plane of the Printed Circuit Board
(PCB). This plane should also reference all other
digital circuitry in the system. DGND is not internally
connected to AGND and must be connected externally.
3.7
Digital Power Supply (DVDD)
DVDD is the power supply pin for the digital circuitry
within the device. The voltage on this pin must be
maintained in the range specified by the Electrical
Characteristics table. For optimal performance, it is
recommended
to
connect
appropriate
bypass
capacitors (typically a 10 µF ceramic in parallel with a
0.1 µF ceramic). DVDD is monitored by the DVDD POR
monitoring circuit for the digital section.
3.8
Analog Power Supply (AVDD)
AVDD is the power supply pin for the analog circuitry
within the device. The voltage on this pin must be
maintained in the range specified by the Electrical
Characteristics table. For optimal performance, it is
recommended
to
connect
appropriate
bypass
capacitors (typically a 10 µF ceramic in parallel with a
0.1 µF ceramic). AVDD is monitored by the AVDD POR
monitoring circuit for the analog section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com