Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3562-E/ST Datasheet(PDF) 90 Page - Microchip Technology

Part # MCP3562-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562-E/ST Datasheet(HTML) 90 Page - Microchip Technology

Back Button MCP3562-E/ST Datasheet HTML 86Page - Microchip Technology MCP3562-E/ST Datasheet HTML 87Page - Microchip Technology MCP3562-E/ST Datasheet HTML 88Page - Microchip Technology MCP3562-E/ST Datasheet HTML 89Page - Microchip Technology MCP3562-E/ST Datasheet HTML 90Page - Microchip Technology MCP3562-E/ST Datasheet HTML 91Page - Microchip Technology MCP3562-E/ST Datasheet HTML 92Page - Microchip Technology MCP3562-E/ST Datasheet HTML 93Page - Microchip Technology MCP3562-E/ST Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
MCP3561/2/4
DS20006181C-page 90
 2019-2021 Microchip Technology Inc.
8.9
TIMER Register
Name
Bits
Address
Cof
TIMER
24
0x8
R/W
REGISTER 8-9:
TIMER: TIMER DELAY VALUE REGISTER
R/W-0
TIMER[23:0]
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 23-0
TIMER[23:0]: Selection Bits for the Time Interval (TTIMER_SCAN) Between Two Consecutive Scan Cycles
(when CONV_MODE[1:0] = 11):
0xFFFFFF: TTIMER_SCAN = 16777215 * DMCLK periods
0xFFFFFE: TTIMER_SCAN = 16777214 * DMCLK periods
•
•
•
0x000002: TTIMER_SCAN = 2 * DMCLK periods
0x000001: TTIMER_SCAN = 1 * DMCLK periods
0x000000: TTIMER_SCAN = 0 (No delay) – default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com