Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3562-E/ST Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP3562-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3562-E/ST Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP3562-E/ST Datasheet HTML 42Page - Microchip Technology MCP3562-E/ST Datasheet HTML 43Page - Microchip Technology MCP3562-E/ST Datasheet HTML 44Page - Microchip Technology MCP3562-E/ST Datasheet HTML 45Page - Microchip Technology MCP3562-E/ST Datasheet HTML 46Page - Microchip Technology MCP3562-E/ST Datasheet HTML 47Page - Microchip Technology MCP3562-E/ST Datasheet HTML 48Page - Microchip Technology MCP3562-E/ST Datasheet HTML 49Page - Microchip Technology MCP3562-E/ST Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
MCP3561/2/4
DS20006181C-page 46
 2019-2021 Microchip Technology Inc.
5.9
Low-Power Shutdown Modes
The device incorporates two low-power modes that can
be activated in order to limit power consumption of the
device when ADC is not used. These two modes are
called Partial Shutdown and Full Shutdown modes.
5.9.1
FULL SHUTDOWN MODE
The Full Shutdown mode can be enabled by two
means:
• Writing CONFIG0 to ‘0x00’
• Sending a Fast Command Full Shutdown (Fast
Command code: ‘1101’)
Full Shutdown mode is the lowest power mode of the
device. None of the circuits consuming static power are
active in this mode.
As stated in Section 5.7 “Power-on Reset”, the
AVDD/DVDD POR monitoring circuits are not active
while in Full Shutdown mode. For this reason, the Full
Shutdown mode is not recommended for applications
where an AVDD/DVDD power-down (whether expected
or unexpected) voltage level of 100 mV (approx.) or
less cannot be ensured before reapplying power.
The part can still be accessed through the SPI interface
during this mode and will accept incoming SPI
commands. The ADCDATA register is not cleared
during Full Shutdown mode and still holds previous
conversion results. The other Configuration register
settings are not modified or reset due to entering in Full
Shutdown mode.
When the ADC_MODE[1:0] bits are temporarily set
internally to ‘00’ during SCAN mode, in between scan
cycles, the part does not go into Full Shutdown mode,
even if all the other bits in the CONFIG0 register are set
to ‘0’.
The Full Shutdown mode stops all internal timers and
resets them. Sending a Fast CMD to change the
operating mode exits the Full Shutdown mode.
The user should place all digital inputs to a static value
(logic low or high) in order to optimize power
consumption during Full Shutdown mode. The current
consumption specifications during Full Shutdown
mode are intended without any digital pin toggling
during the measurement. In this case, only leakage
current is consumed throughout the device and this
current varies exponentially with respect to absolute
temperature.
5.9.2
PARTIAL SHUTDOWN MODE
Partial Shutdown mode is achieved when CONFIG0 is
set to ‘xx000000’, where ‘xx’ is not equal to ‘00’.
(CONFIG0 = 0x00 puts the device in Full Shutdown
mode). In this mode, most of the internal circuits are
shut down, with the exception of the POR monitoring
and internal biasing circuits. During the Partial
Shutdown mode, the power supply is continuously
monitored, whereas in Full Shutdown mode, the POR
monitoring circuits are powered down. The power
consumption is also much higher in Partial Shutdown
mode due to different biases and the POR monitoring
circuits being active. Partial Shutdown mode allows the
device to be restarted and put back in Conversion
mode faster than Full Shutdown mode. Table 5-10
describes the differences between Partial and Full
Shutdown modes. If the current consumption of Partial
Shutdown mode is acceptable for the application, it is
recommended that it is used as an alternative to Full
Shutdown mode, where the POR monitoring circuits
are shut down and no longer monitoring the AVDD and
DVDD power supplies.
TABLE 5-10:
LOW-POWER MODES(1)
Device
Low-Power Mode
CONFIG0[7:6] CLK_SEL[1:0] CS_SEL[1:0] ADC_MODE[1:0]
Description
Partial Shutdown
11
00
00
0x
All peripherals, except the
POR monitoring circuits and
clock biasing circuits, are shut
down and consume no static
current.The SPI interface
remains active in this mode
and consumes no current
while the bus is Idle.
Full Shutdown
00
00
00
0x
All analog and digital circuits
are shut down and consume
no static current. The SPI
interface remains active in this
mode and consumes no
current while the bus is Idle.
Note 1: x =Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com