Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3461T-E/ST Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3461T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461T-E/ST Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3461T-E/ST Datasheet HTML 28Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 29Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 30Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 31Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 32Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 33Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 34Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 35Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
MCP3461/2/4
DS20006180D-page 32
 2019-2021 Microchip Technology Inc.
The possible selections are described in Table 5-1 and
can be set with the MUX[7:0] register during the MUX
mode. The MUX[7:4] bits define the selection for the
VIN+ (noninverting analog input of the ADC). The
MUX[3:0] bits define the selection for the VIN- (inverting
analog input of the ADC).
During SCAN mode, the two single-ended input
multiplexers are automatically set to a certain position
depending on the SCAN sequence and on which channel
has been selected by the user. The SCAN sequence
channels’ configuration corresponds to a certain code in
the MUX[7:0] register, as defined in Table 5-14.
In order to monitor the digital power supply (DVDD), it is
necessary to externally connect DVDD to one of the
CHn analog inputs, since DVDD is not one of the pos-
sible selections of the analog multiplexer. A similar
setup can be implemented to monitor DGND if DGND is
not connected externally to AGND.
For MCP3461 and MCP3462, some codes are not
available in the selection since the pins are not bonded
out on these devices. These codes should then be
avoided in the application, as the input they connect to
is effectively a high-impedance node.
The TEMP Diodes P and M are two internal diodes that
are biased by a current source and that can be used to
perform a temperature measurement. If TEMP Diode P
is connected to VIN+ and TEMP Diode M to VIN-, then
the ADC output code is a function of the temperature
using Equation 5-1 (see Section 5.1.2 “Internal
Temperature Sensor” for more details).
The
“VCM”
selection
measures
the
internal
Common-mode voltage source that biases the
Sigma-Delta modulator (this voltage is not provided at
any output of the part).
The possible inputs of the analog multiplexer include
not only the analog input channels, but also the
REFIN+/- inputs, AVDD and AGND, as well as tempera-
ture sensor outputs and VCM internal Common-mode.
This large selection offers many possibilities for
measuring internal or external data resources of the
system and can serve as diagnostic purposes to
increase the security of the applications. Some monitor
channels are already predefined in SCAN mode to
further help users to integrate diagnostics to their appli-
cations (for example, the analog power supply or the
temperature can be constantly monitored in SCAN
mode; see Section 5.14.3 “SCAN Mode Internal
Resource Channels” for more details of the different
resources that can be monitored in SCAN mode).
TABLE 5-1:
ANALOG INPUT MUX DECODING TABLE
MUX[7:4] (VIN+) or
MUX[3:0] (VIN-) Code
Selected
Channel
Comment
0000
CH0
0001
CH1
0010
CH2
Not Connected (NC) for MCP3461
0011
CH3
Not Connected (NC) for MCP3461
0100
CH4
Not Connected (NC) for MCP3461, MCP3462
0101
CH5
Not Connected (NC) for MCP3461, MCP3462
0110
CH6
Not Connected (NC) for MCP3461, MCP3462
0111
CH7
Not Connected (NC) for MCP3461, MCP3462
1000
AGND
1001
AVDD
1010
Reserved
Do not use
1011
REFIN+
1100
REFIN-
1101
TEMP Diode P
1110
TEMP Diode M
1111
Internal VCM
Internal Common-mode voltage for modulator biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com