Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3461T-E/ST Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP3461T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461T-E/ST Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP3461T-E/ST Datasheet HTML 40Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 41Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 42Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 43Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 44Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 45Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 46Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 47Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
MCP3461/2/4
DS20006180D-page 44
 2019-2021 Microchip Technology Inc.
5.7
Power-on Reset
The analog and digital power supplies are monitored
separately by two Power-on-Reset (POR) monitoring
circuits at all times, except during Full Shutdown mode
(see Section 5.9 “Low-Power Shutdown Modes”).
Each POR circuit has two separate thresholds, one for
the rising voltage supply and one for the falling voltage
supply. They both include hysteresis (the rising
threshold is superior to the falling threshold), so that the
device is tolerant to a certain degree of transient noise
on each power supply.
If any of the two power supply voltages is below its
respective threshold, the POR state is forced internally.
In this state, the SPI interface is disabled and no com-
mand can be executed by the chip. All registers are
cleared and set to their default values.
At power-up, when both power supply voltages are
above the rising thresholds, the device powers up and
the SPI interface is enabled and can handle communi-
cations. Since both thresholds need to be crossed for
the power-up, the power-up sequence is not important
and any power supply voltage can ramp up first. The
detection time for the monitoring circuits (tPOR) is about
1 µs for relatively fast power-up ramp rates. The normal
operation is stopped when any of the falling thresholds
of the two POR monitoring circuits are crossed.
Figure 5-9 illustrates the power-up and power-down
sequences.
If the CS pin is kept logic low during a POR state, a
logic high pulse is necessary to start the first
communication sequence. The CS rising edge will
properly reset the SPI interface and the falling edge will
clear the POR interrupt on the IRQ pin (see
Figure 6-16).
During Full Shutdown mode, the power supply voltages
are not monitored to be able to reach ultra-low power
consumption. The device cannot generate a POR
event interrupt in this mode, except in cases of
extremely low-power supply voltages.
The DVDD and AVDD monitoring thresholds are
different since their respective voltage ranges are
different. The AVDD rising threshold is approximately
1.75V, ±10% and the DVDD is 1.2V, ±10%. The
hysteresis is approximately 150 mV (typical). Proper
decoupling ceramic capacitors (0.1 µF and 10 µF
ceramic) should be placed as close as possible to the
power supply pins (AVDD, DVDD), to provide additional
transient immunity.
In order to ensure a proper power-up sequence, the
ramp rate of DVDD should not exceed 3V/µs when
coming out of the POR state.
Additionally, the user needs to lower the DVDD residual
voltage as much as possible, close to 0V, when the
device is kept for a long time in a POR state (below
DVDD POR threshold) in order to ensure a proper
power-up sequence. The user can verify if the
power-up sequence has been correctly performed by
reading the default state of all the registers in the
register map, just after powering up the device. If one
or more of the registers do not show the proper default
setting, a new power-up cycle should be launched to
recover from this condition.
FIGURE 5-9:
Power-on Reset Timing Diagram.
POR State
POR Threshold Up
POR Threshold Down
tPOR
Voltage
(AVDD, DVDD)
POR State
Time
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com