Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3461T-E/ST Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP3461T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461T-E/ST Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP3461T-E/ST Datasheet HTML 76Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 77Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 78Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 79Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 80Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 81Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 82Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 83Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
MCP3461/2/4
DS20006180D-page 80
 2019-2021 Microchip Technology Inc.
7.4
SPI Interface Digital Crosstalk
The MCP3461/2/4 incorporates a high-speed 20 MHz
SPI digital interface. This interface can induce
crosstalk, especially with the outer channels closer to
the SPI digital pins (CH7, for example), if it is running at
full speed without any precautions. The crosstalk is
caused by the switching noise created by the digital
SPI signals. This crosstalk would negatively impact the
SNR in this case. The noise is attenuated if proper
separation between the analog and digital power
supplies is put in place (see Section 7.3 “Power Sup-
ply Design and Bypassing”).
The switching noise is also a linear function of the
DVDD supply voltage. In order to reduce further the
influence of the switching noise caused by SPI
transmissions, the DVDD digital power supply voltage
should be kept as low as possible.
In order to further remove the influence of the SPI
communication on measurement accuracy, it is recom-
mended to add series resistors on the SPI lines to
reduce the current spikes caused by the digital switch-
ing noise (see Figure 7-1, where these resistors have
been implemented). The resistors also help to keep the
level of electromagnetic emissions low.
The
measurement
graphs
provided
in
this
MCP3461/2/4 data sheet have been performed with
100
 series resistors connected on each SPI I/O pin.
Measurement accuracy disturbances have not been
observed, even at 20 MHz interfacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com