Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSR2KV6 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # MSR2KV6
Description  PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSR2KV6 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button MSR2KV6 Datasheet HTML 2Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 3Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 4Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 5Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 6Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 7Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 8Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 9Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MODEL: MSR2K-V6
MSR2K-V6 SPECIFICATIONS
ES-7405 Rev.3 Page 6/14
http://www.m-system.co.jp/
REPORT SOFTWARE (MSR2K-CR)
■ HARDWARE REQUIREMENTS
HARDWARE
REQUIREMENTS
PC
IBM PC/AT or compatible
Operating system
Windows 7 Professional (32-bit, 64-bit) or Windows 10 Professional (32-bit, 64-bit)
CPU
Pentium IV 2.0 GHz or higher
Screen area
XGA (1024 by 768 pixels) or better resolution
Display color
65000 colors (16 bits)
Main memory
512 MB minimum; 1 GB minimum recommended
CD drive
Windows supported CD drive is used to install the software program.
Communication port
LAN card by Windows
NOTE: When the Server Software (model: MSR2K-S) and the Report Software (model: MSR2K-CR) are used on the same PC, the PC must
satisfy the Server’s system requirements.
■ SOFTWARE FUNCTIONS
Creating reports by using data collected with the MSRpro-Server software program.
• Data acquisition
Data type: Average, maximum, minimum, accumulation difference, momentary, and accumulation values
• Report
Report type: Daily, monthly, and annual reports
Layout: max. 16 pens per page
Max. page number: 128 pages for each report
Display digit: 12 digits including signs
• Data correction
Applicable to: Daily, monthly, and annual reports
Correction process: Calculating summary items automatically
• Data storage
Storage method: Saved as a report file in any location
Storage period: Depends on the period the server saves
• Print
Applicable to: Daily, monthly, and annual reports
Color printing: Available
Auto printing: Available to specify print time and report
Manual printing: Available to specify report
• Format
Page title: Per report page, max. 24 characters
Date: Available to display
Signature column: 0 to 4 columns
Summary items: Total, average, maximum and minimum
Note) The software creates a report with server software Ver.3 or later.
■ I/O DEVICE
Depends on I/O device of server software (model: MSR2K-S).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com