Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSR2KV6 Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # MSR2KV6
Description  PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSR2KV6 Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button MSR2KV6 Datasheet HTML 5Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 6Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 7Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 8Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 9Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 10Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 11Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 12Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 13Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MODEL: MSR2K-V6
MSR2K-V6 SPECIFICATIONS
ES-7405 Rev.3 Page 9/14
http://www.m-system.co.jp/
POWER MONITOR CLIENT SOFTWARE (MSR2K-CEC)
■ HARDWARE REQUIREMENTS
HARDWARE
REQUIREMENTS
PC
IBM PC/AT or compatible
Operating system
Windows 7 Professional (32-bit, 64-bit) or Windows 10 Professional (32-bit, 64-bit)
CPU
Pentium IV 2.0 GHz or higher
Screen area
XGA (1024 by 768 pixels) or better resolution
Display color
65000 colors (16 bits)
Main memory
512 MB minimum; 1 GB minimum recommended
CD drive
Windows supported CD drive is used to install the software program.
Communication port
LAN card by Windows
NOTE: Power Monitor Client Software (model: MSR2K-CEC) does not run in the PC where Power Monitor Software (model: MSR2K-CE)
is running.
■ SOFTWARE FUNCTIONS
Reading settings and data of MSReco and displaying demand.
• Display function
Data display: Present demand value, predicted demand value, target demand value, energy consumption, surplus power,
alarm status
Demand display: Present demand line, predicted demand line, target demand line, alarm line are displayed.
Bargraph view: Energy consumption at every hour, day, week, month or year is displayed with bar graph.
Information (Demand) view: Max. daily demand value, max. monthly demand value or max. annual demand value is
displayed.
Information (Bargraph) view: Max. energy consumption per day, month or year is displayed.
Max. view numbers: Max. 32 views for demand and bargraph view (16 views max. for damand and 2 views max. for bargraph
are available simultaneously.
Alarm Monitor: Alarm status of each Demand view page is listed.
Alarm history: History of alarm genaration or clear is displayed.
• Report function
Printer output: daily, monthly or annual demand report is automatically or manually printed.
File output: Reports can be saved as a CSV file automatically or manually.
Screen shot: A screen shot is saved in BMP format.
■ I/O DEVICE
Depends on I/O device of power monitor software (model: MSR2K-CE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com