Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSR2KV6 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # MSR2KV6
Description  PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSR2KV6 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button MSR2KV6 Datasheet HTML 3Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 4Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 5Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 6Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 7Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 8Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 9Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 10Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MODEL: MSR2K-V6
MSR2K-V6 SPECIFICATIONS
ES-7405 Rev.3 Page 7/14
http://www.m-system.co.jp/
POWER MONITOR SOFTWARE (MSR2K-CE)
■ HARDWARE REQUIREMENTS
HARDWARE
REQUIREMENTS
PC
IBM PC/AT or compatible
Operating system
Windows 7 Professional (32-bit, 64-bit) or Windows 10 Professional (32-bit, 64-bit)
CPU
Pentium IV 2.0 GHz or higher
Screen area
XGA (1024 by 768 pixels) or better resolution
Display color
65000 colors (16 bits)
Main memory
512 MB minimum; 1 GB minimum recommended
CD drive
Windows supported CD drive is used to install the software program.
Communication port
LAN card by Windows
NOTE: When the Server Software (model: MSR2K-S) and the Power Monitor Software (model: MSR2K-CE) are used on the same PC, the
PC must satisfy the Server’s system requirements.
■ SOFTWARE FUNCTIONS
Max. 32 of demand monitoring views are displayed by using data collected with the server software program.
• Display function
Data display: Present demand value, predicted demand value, target demand value, energy consumption, surplus power,
alarm status
Demand display: Present demand line, predicted demand line, target demand line, alarm line are displayed.
Energy consumption graph: Energy consumption at every 15, 30 or 60 min. is displayed with bargraph.
Information (Demand) view: Max. daily demand value, max. monthly demand value or max. annual demand value is
displayed.
Information (Bargraph) view: Max. energy consumption per day, month or year is displayed.
Max. view numbers: Max. 32 views for demand and bargraph view (16 views max. for damand and 2 views max. for bargraph
are available simultaneously. Gas demand monitoring is available by sellecting the unit.
• Demand monitoring function
Time unit: 15 min., 30 min. or 60 min.
Sampling cycle: 10 seconds
Calendar setting: Register pattern schedules in an annual calendar on a daily basis
Pattern setting: 128 pattern
Alarm: Up to 4 alarm setpoints can be set for the predicted demand. Alarm outputs to discrete output devices.
Setpoints can be set for each demand view. Buzzer of your PC can be set when an alarm is generated.
When connecting with the model ITx0(S)RE, ITx0(S)RE buzzer individually can be on beside normal alarm output.
The buzzer can be stopped in the alarm monitor view. (the buzzer stops in all demand view pages. Operation per page is not
available.)
Alarm Monitor: Alarm status of each Demand view page is listed. An alarm Monitor window is popped up when an alarm is
generated.
Alarm history: History of alarm genaration or clear is displayed.
• Report function
Printer output: daily, monthly or annual demand report is automatically or manually printed.
File output: Reports can be saved as a CSV file automatically or manually.
Screen shot: A screen shot is saved in BMP format.
Max. MSR2K-CEC connection numbers: 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com