Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRQ75W-D Datasheet(PDF) 2 Page - CUI INC

Part # PRQ75W-D
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRQ75W-D Datasheet(HTML) 2 Page - CUI INC

  PRQ75W-D Datasheet HTML 1Page - CUI INC PRQ75W-D Datasheet HTML 2Page - CUI INC PRQ75W-D Datasheet HTML 3Page - CUI INC PRQ75W-D Datasheet HTML 4Page - CUI INC PRQ75W-D Datasheet HTML 5Page - CUI INC PRQ75W-D Datasheet HTML 6Page - CUI INC PRQ75W-D Datasheet HTML 7Page - CUI INC PRQ75W-D Datasheet HTML 8Page - CUI INC PRQ75W-D Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
cui.com
CUI Inc
│ SERIES: PRQ75W-D │ DESCRIPTION: DC-DC CONVERTER
date 01/29/2021
│ page 2 of 11
INPUT
parameter
conditions/description
min
typ
max
units
input voltage
18
48
80
Vdc
filter
Pi filter
current
full load/no load
1756/80
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
output capacitance
5 Vdc output model
12 Vdc & 15 Vdc output models
24 Vdc output models
48 Vdc output models
6,000
2,000
1,000
470
μF
μF
μF
μF
line regulation
low line to high line
±0.2
±0.5
%
load regulation
0~100% load
±0.5
±0.75
%
set-point accuracy
0~100% load
±1
±3
%
switching frequency
PWM mode
250
kHz
transient response
25% load step change
5 Vdc output model
all other output models
±7.5
±5
%
%
temperature coefficient
full load
±0.03
%/°C
CTRL1
module on: open or pulled high (3.5~12 Vdc)
module off: pulled low to GND (0~1.2 Vdc)
trim range
see application notes figure 4
5 Vdc output models
other output models
±10
+10/-5
%
%
sense range
see application notes figures 5 and 6
105
%
Note: 1. The voltage of ctrl pin is relative to input pin GND.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
110
160
%
over current protection
110
190
%
short circuit protection
continuous, auto recovery, hiccup
over temperature protection
115
120
°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com