Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRQ75W-D Datasheet(PDF) 1 Page - CUI INC

Part # PRQ75W-D
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRQ75W-D Datasheet(HTML) 1 Page - CUI INC

  PRQ75W-D Datasheet HTML 1Page - CUI INC PRQ75W-D Datasheet HTML 2Page - CUI INC PRQ75W-D Datasheet HTML 3Page - CUI INC PRQ75W-D Datasheet HTML 4Page - CUI INC PRQ75W-D Datasheet HTML 5Page - CUI INC PRQ75W-D Datasheet HTML 6Page - CUI INC PRQ75W-D Datasheet HTML 7Page - CUI INC PRQ75W-D Datasheet HTML 8Page - CUI INC PRQ75W-D Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
cui.com
date 01/29/2021
page 1 of 11
SERIES: PRQ75W-D
│ DESCRIPTION: DC-DC CONVERTER
date 01/29/2021
page 1 of 11
FEATURES
• 75W isolated output
• ¼-brick package with industry standard pin-out
• ultra-wide input voltage range
• single regulated output
• high efficiency up to 93%
• output short circuit, over current, over voltage, & over temperature protection
• 2250 Vdc isolation
• EN 62368-1
• available with heat sink or base plate
• remote on/off
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PRQ75W-Q48-S5-D
48
18~75
5
0
15.0
75
250
91
PRQ75W-Q48-S12-D
48
18~75
12
0
6.25
75
200
92
PRQ75W-Q48-S15-D
48
18~75
15
0
5.0
75
200
93
PRQ75W-Q48-S24-D
48
18~75
24
0
3.13
75
250
92
PRQ75W-Q48-S48-D
48
18~75
48
0
1.56
75
250
92
Notes:
1. 20MHz bandwidth, nominal input, full load
2. Efficiency is measured In nominal input voltage and rated output load.
PART NUMBER KEY
PRQ75W-QXX - SXX - X - D
Input Voltage
Output Voltage
Base Number
Heatsink:
"blank" = no heatsink
H = with heatsink
B = base plate
Packaging style
DIP
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PRQ75W-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRQ100W-D CUI-PRQ100W-D Datasheet
2Mb / 10P
DC-DC CONVERTER
PRQ100W-D CUI-PRQ100W-D Datasheet
3Mb / 10P
DC-DC CONVERTER
02/15/2022
PRQ100W-D CUI-PRQ100W-D_V01 Datasheet
3Mb / 10P
DC-DC CONVERTER
02/15/2022
PRQ100W-Q24-S12 CUI-PRQ100W-Q24-S12 Datasheet
2Mb / 10P
DC-DC CONVERTER
PRQ100W-Q24-S12 CUI-PRQ100W-Q24-S12 Datasheet
3Mb / 10P
DC-DC CONVERTER
02/15/2022
More results

Similar Description - PRQ75W-D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com