Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRQ75W-D Datasheet(PDF) 9 Page - CUI INC

Part # PRQ75W-D
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRQ75W-D Datasheet(HTML) 9 Page - CUI INC

Back Button PRQ75W-D Datasheet HTML 3Page - CUI INC PRQ75W-D Datasheet HTML 4Page - CUI INC PRQ75W-D Datasheet HTML 5Page - CUI INC PRQ75W-D Datasheet HTML 6Page - CUI INC PRQ75W-D Datasheet HTML 7Page - CUI INC PRQ75W-D Datasheet HTML 8Page - CUI INC PRQ75W-D Datasheet HTML 9Page - CUI INC PRQ75W-D Datasheet HTML 10Page - CUI INC PRQ75W-D Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
cui.com
CUI Inc
│ SERIES: PRQ75W-D │ DESCRIPTION: DC-DC CONVERTER
date 01/29/2021
│ page 9 of 11
APPLICATION NOTES
Trim Up
Trim Down
Up:
Down:
Vout (Vdc)
R1 (KΩ)
R2 (KΩ)
R3 (KΩ)
Vref (V)
5
3.036
3.0
10
2.5
12
11.0
2.87
15
2.5
15
14.03
2.8
15
2.5
24
24.872
2.87
15
2.5
48
53.017
2.913
15
2.5
Note: When using the Trim down function make sure that the RT resistor value is calculated correctly. If the Trim pin is shorted with + Vo, or its value is too low,
the or the output voltage Vo’ would be lower than 0.9Vo, which may cause the product to fail.
RT = Trim Resistor value
a = self-defined parameter
Vo’= desired output voltage (±10% max)
Figure 4
Table 4
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com