Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PIMXRT8024DAF4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 43Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 44Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 45Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 46Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
46
NXP Semiconductors
Electrical characteristics
4.7.2.1
12-bit ADC electrical characteristics
The section provide information about 12-bit ADC electrical characteristics.
4.7.2.1.1
12-bit ADC operating conditions
Table 43. 12-bit ADC operating conditions
Characteristic
Conditions
Symb
Min
Typ1
1 Typical values assume VDDAD = 3.0 V, Temp = 25°C, fADCK=20 MHz unless otherwise stated. Typical values are for reference
only and are not tested in production.
Max
Unit
Comment
Supply voltage
Absolute
VDDA
3.0
-
3.6
V
—
Delta to VDD
(VDD-VDDA)2
2 DC potential differences
VDDA
-100
0
100
mV
—
Ground voltage
Delta to VSS
(VSS-VSSAD)
VSSAD
-100
0
100
mV
—
Ref Voltage High
—
VDDA
1.13
VDDA
VDDA
V
—
Ref Voltage Low
—
VSS
VSS
VSS
VSS
V
—
Input Voltage
—
VADIN
VSS
—VDDA
V
—
Input Capacitance
8/10/12 bit modes
CADIN
—1.5
2
pF
—
Input Resistance
ADLPC=0, ADHSC=1
RADIN
—5
7
kohms
—
ADLPC=0, ADHSC=0
—
12.5
15
kohms
—
ADLPC=1, ADHSC=0
—
25
30
kohms
—
Analog Source
Resistance
12 bit mode fADCK =
40MHz ADLSMP=0,
ADSTS=10, ADHSC=1
RAS
—
—
1
kohms
Tsamp=150
ns
RAS depends on Sample Time Setting (ADLSMP, ADSTS) and ADC Power Mode (ADHSC, ADLPC). See charts for Minimum
Sample Time vs RAS
ADC Conversion Clock
Frequency
ADLPC=0, ADHSC=1
12 bit mode
fADCK
4
—
40
MHz
—
ADLPC=0, ADHSC=0
12 bit mode
4
—
30
MHz
—
ADLPC=1, ADHSC=0
12 bit mode
4
—
20
MHz
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com