Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PIMXRT8024DAF4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Modules list
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
7
3
Modules list
The i.MX RT1015 processors contain a variety of digital and analog modules. Table 2 describes these
modules in alphabetical order.
Table 2. i.MX RT1015 modules list
Block mnemonic
Block name
Subsystem
Brief description
ADC1
Analog to Digital
Converter
Analog
The ADC is a 12-bit general purpose analog to digital
converter.
AOI
And-Or-Inverter
Cross Trigger
The AOI provides a universal boolean function
generator using a four team sum of products expression
with each product term containing true or complement
values of the four selected inputs (A, B, C, D).
Arm
Arm Platform
Arm
The Arm Core Platform includes 1x Cortex-M7 core. It
also includes associated sub-blocks, such as Nested
Vectored Interrupt Controller (NVIC), Floating-Point
Unit (FPU), Memory Protection Unit (MPU), and
CoreSight debug modules.
BEE
Bus Encryption Engine
Security
On-The-Fly FlexSPI Flash Decryption
CCM
GPC
SRC
Clock Control Module,
General Power
Controller, System Reset
Controller
Clocks, Resets, and
Power Control
These modules are responsible for clock and reset
distribution in the system, and also for the system
power management.
CSU
Central Security Unit
Security
The Central Security Unit (CSU) is responsible for
setting comprehensive security policy within the i.MX
RT1015 platform.
DAP
Debug Access Port
System Control
Peripherals
The DAP provides real-time access for the debugger
without halting the core to:
• System memory and peripheral registers
• All debug configuration registers
The DAP also provides debugger access to JTAG scan
chains. The DAP module is internal to the Cortex-M7
Core Platform.
DCDC
DCDC Converter
Analog
The DCDC module is used for generating power supply
for core logic. Main features are:
• Adjustable high efficiency regulator
• Supports 3.3 V input voltage
• Supports nominal run and low power standby modes
• Supports at 0.9 ~ 1.3 V output in run mode
• Supports at 0.9 ~ 1.0 V output in standby mode
• Over current and over voltage detection
eDMA
enhanced Direct Memory
Access
System Control
Peripherals
There is an enhanced DMA (eDMA) engine and two
DMA_MUX.
• The eDMA is a 32 channel DMA engine, which is
capable of performing complex data transfers with
minimal intervention from a host processor.
• The DMA_MUX is capable of multiplexing up to 128
DMA request sources to the 32 DMA channels of
eDMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com