Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAF4A Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PIMXRT8024DAF4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAF4A Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PIMXRT8024DAF4A Datasheet HTML 59Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 60Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 61Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 62Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 63Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 65Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT8024DAF4A Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
Package information and contact assignments
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
63
GPIO_AD_B0_05
73
NVCC_GPIO
Digital
GPIO
ALT0
jtag_mux.TRSTB
Input
47 K PU
GPIO_AD_B0_06
72
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[6]
Input
Keeper
GPIO_AD_B0_07
68
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[7]
Input
Keeper
GPIO_AD_B0_08
67
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[8]
Input
Keeper
GPIO_AD_B0_09
66
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[9]
Input
Keeper
GPIO_AD_B0_10
65
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[10]
Input
Keeper
GPIO_AD_B0_11
64
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[11]
Input
Keeper
GPIO_AD_B0_12
63
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[12]
Input
Keeper
GPIO_AD_B0_13
62
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[13]
Input
Keeper
GPIO_AD_B0_14
61
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[14]
Input
Keeper
GPIO_AD_B0_15
60
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[15]
Input
Keeper
GPIO_AD_B1_10
57
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[26]
Input
Keeper
GPIO_AD_B1_11
56
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[27]
Input
Keeper
GPIO_AD_B1_12
55
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[28]
Input
Keeper
GPIO_AD_B1_13
54
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[29]
Input
Keeper
GPIO_AD_B1_14
53
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[30]
Input
Keeper
GPIO_AD_B1_15
52
NVCC_GPIO
Digital
GPIO
ALT5
GPIO1.IO[31]
Input
Keeper
GPIO_EMC_041
7
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[4]
Input
Keeper
GPIO_EMC_05
6
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[5]
Input
Keeper
GPIO_EMC_06
4
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[6]
Input
Keeper
GPIO_EMC_07
3
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[7]
Input
Keeper
Table 59. 14 x 14 mm functional contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com