Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC977LP4E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC977LP4E
Description  GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC977LP4E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC977LP4E Datasheet HTML 9Page - Analog Devices HMC977LP4E Datasheet HTML 10Page - Analog Devices HMC977LP4E Datasheet HTML 11Page - Analog Devices HMC977LP4E Datasheet HTML 12Page - Analog Devices HMC977LP4E Datasheet HTML 13Page - Analog Devices HMC977LP4E Datasheet HTML 14Page - Analog Devices HMC977LP4E Datasheet HTML 15Page - Analog Devices HMC977LP4E Datasheet HTML 16Page - Analog Devices HMC977LP4E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
HMC977
Rev. D | Page 13 of 20
DATA TAKEN AS IRM WITH EXTERNAL 90° HYBRID AT THE IF PORTS, IF = 3300 MHz, UPPER SIDEBAND
25
0
5
10
15
20
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 42. Conversion Gain vs. RF Frequency Over Temperature,
LO Drive = 6 dBm
0
–50
+85°C
+25°C
–40°C
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
–40
–30
–20
–10
Figure 43. Image Rejection vs. RF Frequency Over Temperature,
LO Drive = 6 dBm
25
0
5
10
15
20
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
2dBm
4dBm
6dBm
8dBm
Figure 44. Conversion Gain vs. RF Frequency at Various LO Drives
15
–15
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
–10
–5
0
5
10
Figure 45. Input IP3 vs. RF Frequency Over Temperature, LO Drive = 6 dBm
15
–15
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
–10
–5
0
5
10
2dBm
4dBm
6dBm
8dBm
Figure 46. Input IP3 vs. RF Frequency at Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com