Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC977LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC977LP4E
Description  GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC977LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC977LP4E Datasheet HTML 1Page - Analog Devices HMC977LP4E Datasheet HTML 2Page - Analog Devices HMC977LP4E Datasheet HTML 3Page - Analog Devices HMC977LP4E Datasheet HTML 4Page - Analog Devices HMC977LP4E Datasheet HTML 5Page - Analog Devices HMC977LP4E Datasheet HTML 6Page - Analog Devices HMC977LP4E Datasheet HTML 7Page - Analog Devices HMC977LP4E Datasheet HTML 8Page - Analog Devices HMC977LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
HMC977
Data Sheet
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 6
Typical Performance Characteristics ............................................. 7
Data Taken as IRM with External 90° Hybrid at the IF Ports,
IF = 1000 MHz, Upper Sideband ............................................... 7
Quadrature Channel Data Taken Without 90° Hybrid at the
IF Ports, IF = 1000 MHz, Upper Sideband ............................... 9
Data Taken as IRM with External 90° Hybrid at the IF Ports,
IF = 1000 MHz, Lower Sideband ............................................. 10
Data Taken as IRM with External 90° Hybrid at the IF Ports,
IF = 2000 MHz, Upper Sideband ............................................. 11
Data Taken as IRM with External 90° Hybrid at the IF Ports,
IF = 2000 MHz, Lower Sideband ............................................. 12
Data Taken as IRM with External 90° Hybrid at the IF Ports,
IF = 3300 MHz, Upper Sideband ............................................. 13
Data Taken as IRM with External 90° Hybrid at the IF Ports,
IF = 3300 MHz, Lower Sideband ............................................. 14
Spurious Performance ............................................................... 15
Theory of Operation ...................................................................... 16
Applications Information .............................................................. 17
Evaluation PCB........................................................................... 18
Layout .......................................................................................... 19
Outline Dimensions ....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
This Hittite Microwave Products data sheet has been reformatted
to meet the styles and standards of Analog Devices, Inc.
11/2019—v02.0815 to Rev. D
Updated Format..................................................................Universal
Changed HMC977LP4E to HMC977 ..............................Universal
Changes to Figure 1.......................................................................... 1
Changes to the Electrical Specifications Section.......................... 3
Added Figure 2; Renumbered Sequentially ...................................5
Changes to M × N Spurious Outputs,
IF = 1000 MHz Section.................................................................. 15
Added Theory of Operation Section ........................................... 16
Added Applications Information Section ................................... 17
Changes to Figure 52...................................................................... 17
Change to Table 6 ........................................................................... 18
Added Figure 54 ............................................................................. 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com