Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC977LP4E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC977LP4E
Description  GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC977LP4E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC977LP4E Datasheet HTML 10Page - Analog Devices HMC977LP4E Datasheet HTML 11Page - Analog Devices HMC977LP4E Datasheet HTML 12Page - Analog Devices HMC977LP4E Datasheet HTML 13Page - Analog Devices HMC977LP4E Datasheet HTML 14Page - Analog Devices HMC977LP4E Datasheet HTML 15Page - Analog Devices HMC977LP4E Datasheet HTML 16Page - Analog Devices HMC977LP4E Datasheet HTML 17Page - Analog Devices HMC977LP4E Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
HMC977
Data Sheet
Rev. D | Page 14 of 20
DATA TAKEN AS IRM WITH EXTERNAL 90° HYBRID AT THE IF PORTS, IF = 3300 MHz, LOWER SIDEBAND
25
0
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
5
10
15
20
Figure 47. Conversion Gain vs. RF Frequency Over Temperature,
LO Drive = 6 dBm
0
–50
+85°C
+25°C
–40°C
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
–40
–30
–20
–10
Figure 48. Image Rejection vs. RF Frequency Over Temperature,
LO Drive = 6 dBm
25
0
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
5
10
15
20
2dBm
4dBm
6dBm
8dBm
Figure 49. Conversion Gain vs. RF Frequency at Various LO Drives
15
–15
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
–10
–5
0
5
10
Figure 50. Input IP3 vs. RF Frequency Over Temperature, LO Drive = 6 dBm
15
–15
20
21
23
22
24
25
26
27
28
RF FREQUENCY (GHz)
–10
–5
0
5
10
2dBm
4dBm
6dBm
8dBm
Figure 51. Input IP3 vs. RF Frequency at Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com