Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBR7000-R100-2EP-IO-1R-IR Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBR7000-R100-2EP-IO-1R-IR
Description  Retroreflective sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR7000-R100-2EP-IO-1R-IR Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Technical Data
Control elements
Light-on/dark-on changeover switch
Control elements
sensitivity adjustment
Parameterization indicator
IO link communication: green LED goes out briefly (1 Hz)
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
max. 10 %
No-load supply current
I0
< 25 mA at 24 V supply voltage
Protection class
III
Interface
Interface type
IO-Link ( via C/Q = pin 4 )
IO-Link Revision
1.1
Device ID
0x110201 (1114625)
Transfer rate
COM 2 (38.4 kBaud)
Min. cycle time
2.3 ms
Process data width
Process data input 2 Bit
Process data output 2 Bit
SIO mode support
yes
Compatible master port type
A
Output
Switching type
The switching type of the sensor is adjustable. The default setting is:
C/Q - BK: NPN normally open / dark-on, PNP normally closed / light-on, IO-Link
/Q - WH: NPN normally closed / light-on, PNP normally open / dark-on
Signal output
2 push-pull (4 in 1)outputs, short-circuit protected, reverse polarity protected,
overvoltage protected
Switching voltage
max. 30 V DC
Switching current
max. 100 mA , resistive load
Usage category
DC-12 and DC-13
Voltage drop
Ud
≤ 1.5 V DC
Switching frequency
f
1000 Hz
Response time
0.5 ms
Conformity
Communication interface
IEC 61131-9
Product standard
EN 60947-5-2
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F) , fixed cable
-25 ... 60 °C (-13 ... 140 °F) , movable cable not appropriate for conveyor chains
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Housing width
11 mm
Housing height
37.1 mm
Housing depth
21.5 mm
Degree of protection
IP67 / IP69 / IP69K
Connection
2 m fixed cable
Material
Housing
PC (Polycarbonate)
Optical face
PMMA
Mass
approx. 36 g
Cable length
2 m
Retroreflective sensor
OBR7000-R100-2EP-IO-1R-IR
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com