Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBR7000-R100-2EP-IO-1R-IR Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBR7000-R100-2EP-IO-1R-IR
Description  Retroreflective sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR7000-R100-2EP-IO-1R-IR Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Retroreflective sensor
OBR7000-R100-2EP-IO-1R-IR
< Miniature design with versatile mounting options
< Extended temperature range
-40°C ... 60°C
< High degree of protection IP69K
< IO-Link interface for service and process data
Retroreflective sensor
Function
The R100 series miniature optical sensors are the first devices of their kind to offer an endto- end solution in a small single standard design —
from thru-beam sensor through to a distance measurement device. As a result of this design, the sensors are able to perform practically all
standard automation tasks.
The entire series enables sensors to communicate via IO-Link.
The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor.
The use of Multi Pixel Technology gives the standard sensors a high level of flexibility and enables them to adapt more effectively to their
operating environment.
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OBR7000-R100-2EP-IO-1R-IR

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBR7000-R101-2EP-IO-1R-IR PF-OBR7000-R101-2EP-IO-1R-IR Datasheet
1Mb / 6P
Retroreflective sensor
More results

Similar Description - OBR7000-R100-2EP-IO-1R-IR

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RLK29-55-5060 PF-RLK29-55-5060 Datasheet
1Mb / 6P
Retroreflective sensor
OBG4000-R103-2EP-IO PF-OBG4000-R103-2EP-IO Datasheet
382Kb / 4P
Retroreflective sensor
OBG5000-R100-EP-IO-V3 PF-OBG5000-R100-EP-IO-V3 Datasheet
417Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO PF-OBG5000-R101-2EP1-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO-V31 PF-OBG5000-R101-2EP1-IO-V31 Datasheet
445Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP-IO PF-OBG5000-R101-2EP-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2P1-IO-V31 PF-OBG5000-R101-2P1-IO-V31 Datasheet
381Kb / 3P
Retroreflective sensor
OBR10M-R101-2EP-IO-1R-IR PF-OBR10M-R101-2EP-IO-1R-IR Datasheet
1Mb / 6P
Retroreflective sensor
OBG8000-R201-2EP-IO-V15 PF-OBG8000-R201-2EP-IO-V15 Datasheet
437Kb / 4P
Retroreflective sensor
ML100-55-8032 PF-ML100-55-8032 Datasheet
982Kb / 5P
Retroreflective sensor
2023-03-28
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com