Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBR7000-R100-2EP-IO-1R-IR Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # OBR7000-R100-2EP-IO-1R-IR
Description  Retroreflective sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR7000-R100-2EP-IO-1R-IR Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBR7000-R100-2EP-IO-1R-IR Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
X
Reflector type:
Excess gain > 2
Excess gain < 2
Excess gain
Relative received light strength
Distance X [m]
H85-2
C110-2
H50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
30 mm
30 mm
30 mm
8.5 m
7.5 m
7.1 m
FE-RR1
30 mm
6.7 m
OFR100
30 mm
4.2 m
VR10
30 mm
3.5 m
H33
30 mm
2.4 m
100
10
1
2
H85-2
H50
VR10
OFR100
H33
C110-2
FE-RR1
Accessories
OMH-ML100-09
Mounting aid for round steel ø 12 mm or sheet 1.5 mm ... 3 mm
IO-Link-Master02-USB
IO-Link master, supply via USB port or separate power supply, LED indicators, M12 plug for sensor
connection
OMH-R10X-01
Mounting bracket
OMH-R10X-02
Mounting bracket
OMH-R10X-04
Mounting bracket
OMH-R10X-10
Mounting bracket
OMH-ML100-03
Mounting aid for round steel ø 12 mm or sheet 1.5 mm ... 3 mm
OMH-ML100-031
Mounting aid for round steel ø 10 ... 14 mm or sheet 1 mm ... 5 mm
REF-H85-2
Reflector, rectangular 84.5 mm x 84.5 mm, mounting holes
REF-H50
Reflector, rectangular 51 mm x 61 mm, mounting holes, fixing strap
OFR-100/100
Reflective tape 100 mm x 100 mm
REF-H33
Reflector with screw fixing
Retroreflective sensor
OBR7000-R100-2EP-IO-1R-IR
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com