Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7HL-YV2-R/R20 Datasheet(PDF) 32 Page - M-System Co.,Ltd.

Part # R7HL-YV2-R/R20
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-YV2-R/R20 Datasheet(HTML) 32 Page - M-System Co.,Ltd.

Back Button R7HL-YV2-R/R20 Datasheet HTML 28Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 29Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 30Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 31Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 32Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 33Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 34Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 35Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 36Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 32/55
http://www.m-system.co.jp/
DC VOLTAGE/CURRENT INPUT MODULE, 4 points
(high speed, non-isolated)
MODEL: R7HL-SVF4
SPECIFICATIONS
Isolation: Input to HLS to power input to FG
Data allocation: 4
Converted data range: 0 – 10000 of the input range
• Input range
Wide span voltage: -10 – +10 V DC, -5 – +5 V DC,
0 – 10 V DC, 0 – 5 V DC, 1 – 5 V DC
Narrow span voltage: -1 – +1 V DC, 0 – 1 V DC,
-0.5 – +0.5 V DC
Current range: -20 – +20 mA DC, 0 – 20 mA DC,
4 – 20 mA DC
• Input resistance
Wide span voltage: > 1 MΩ
Narrow span voltage: > 100 kΩ
Current range: 50 Ω
Conversion rate/conversion accuracy: 2 msec./±0.1 %
Response time: Conversion rate × 2 + scan time (0 – 90 %)
Scan time depends on the Final Satellite (FS) value of
Center IC (master) configuration and transfer rate (TBPS).
It is calculated with the following formula.
Scan time = 182 × FS × TBPS (sec.)
E.g) When "Final satellite value" = 63, transfer rate = 12
Mbps, scan time is = 182 × 63 × 1/12 M = 0.9555 msec.
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-1, SW1-2 and SW1-7 are unused. Be sure to
turn off unused ones.
• Input Range (SW1-3, 1-4, 1-5, 1-6)
SW1-3
SW1-4
SW1-5
SW1-6 Input range
OFF
OFF
OFF
OFF
-10 – +10V DC (*)
ON
OFF
OFF
OFF
-5 – +5V DC
OFF
ON
OFF
OFF
-1 – +1V DC
ON
ON
OFF
OFF
0 – 10V DC
OFF
OFF
ON
OFF
0 – 5V DC
ON
OFF
ON
OFF
1 – 5V DC
OFF
ON
ON
OFF
0 – 1V DC
ON
ON
ON
OFF
-0.5 – +0.5V DC
ON
OFF
OFF
ON
-20 – +20mA DC
OFF
ON
OFF
ON
4 – 20mA DC
ON
ON
OFF
ON
0 – 20mA DC
ON
ON
ON
ON
PC Con gurator setting
• Transfer Rate (SW1-8)
SW1-8
Transfer rate
OFF
12Mbps (*)
ON
6Mpbs
TERMINAL ASSIGNMENTS
10
VL0
11
I0
12
VL1
1
VH0
2
COM0
3
VH1
13
I1
4
COM1
14
NC
5
NC
15
VL2
6
VH2
16
I2
7
COM2
17
VL3
8
VH3
9
COM3
18
I3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
VH0 Wide span volt. 0
10
VL0 Narrow span volt. 0
2
COM0 Common 0
11
I0
Current range 0
3
VH1 Wide span volt. 1
12
VL1 Narrow span volt. 1
4
COM1 Common 1
13
I1
Current range 1
5
NC
No connection
14
NC
No connection
6
VH2 Wide span volt. 2
15
VL2 Narrow span volt. 2
7
COM2 Common 2
16
I2
Current range 2
8
VH3 Wide span volt. 3
17
VL3 Narrow span volt. 3
9
COM3 Common 3
18
I3
Current range 3
CIRCUIT DIAGRAM
1
VH0
VL0
I0
COM0
11
2
10
8
18
9
17
VH3
VL3
I3
COM3
3
VH1
VL1
I1
COM1
13
4
12
6
VH2
VL2
I2
COM2
16
7
15
5
14
4
1
2
5
3
6
7
24V DC
FG
TXD– (NC)
TXD+ (NC)
RXD– (TR–)
RXD+ (TR+)
0V
■ Input Connection Examples
VHn
VLn
In
+
– COMn
WIDE SPAN
VOLTAGE
VHn
VLn
In
+
– COMn
NARROW SPAN
VOLTAGE
VHn
VLn
In
+
– COMn
Be sure to close across VLn and In terminals for a current input.
CURRENT
RANGE
Isolation
INPUT 0
INPUT 1
INPUT 2
INPUT 3
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Control
Circuit
Comm.
Circuit
Note: Terminal numbers in parentheses are for half-duplex communication model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com