Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7HL-YV2-R/R20 Datasheet(PDF) 27 Page - M-System Co.,Ltd.

Part # R7HL-YV2-R/R20
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-YV2-R/R20 Datasheet(HTML) 27 Page - M-System Co.,Ltd.

Back Button R7HL-YV2-R/R20 Datasheet HTML 23Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 24Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 25Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 26Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 27Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 28Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 29Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 30Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 31Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 27/55
http://www.m-system.co.jp/
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Control
Circuit
4
5
2
1
3
FG
6
7
24V DC
0V
Com.
Circuit
(NC) TXD–
(NC) TXD+
(TR–) RXD–
(TR+) RXD+
1
12
10
2
4
3
13
7
5
14
16
15
8
6
17
9
18
COM
+24V
X1
X2
X3
X4
X5
X6
X7
Y0
Y7
Y1
Y2
Y3
Y4
Y5
Y6
X0
11
10
6
+24V
Y0
18 Y7
1 COM
10
18
1
6
+24V
Y0
COM
Y7
2
X0
14
X7
10
14
+24V
X0
2
X7
Input Circuit
Ougput Circuit
Isolation
Note: Terminal numbers in parentheses are for half-duplex
communication model.
■ I/O Connection Example
■ Input Circuit
■ Output Circuit
Control
Circuit
Control
Circuit
−
−
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com