Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7HL-YV2-R/R20 Datasheet(PDF) 22 Page - M-System Co.,Ltd.

Part # R7HL-YV2-R/R20
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-YV2-R/R20 Datasheet(HTML) 22 Page - M-System Co.,Ltd.

Back Button R7HL-YV2-R/R20 Datasheet HTML 18Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 19Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 20Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 21Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 22Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 23Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 24Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 25Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 26Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 22/55
http://www.m-system.co.jp/
PNP DISCRETE INPUT &
NPN TRANSISTOR OUTPUT MODULE, 8 points each
MODEL: R7HL-DAC16A
SPECIFICATIONS
■ COMMON SPECIFICATIONS
Common: Negative common per 16 points
Number of I/O: Input, 8 points; Output, 8 points
Maximum I/O applicable at once: No limit (at 24 V DC)
I/O status indicator: LED turns ON with contact ON
Isolation: Input or output to HLS to power input to FG
Data allocation: 1
■ INPUT
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage/current: ≥ 15 V DC (input-COM) / ≥ 3.5 mA
OFF voltage/current: ≤ 5 V DC (input-COM) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 0.5 msec.
■ OUTPUT
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.25 A per point, 2.0 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
(When driving an inductive load, connect a diode in parallel
with the load.)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-1 through 1-6 are unused. Be sure to turn
off unused ones.
• Output at the Loss of Communication (SW1-7)
SW1-7
Output at the loss of communication
OFF
Hold the output (*)
(maintains the last data received normally)
ON
Reset the output (turned off)
• Transfer Rate (SW1-8)
SW1-8
Transfer rate
OFF
12Mbps (*)
ON
6Mpbs
TERMINAL ASSIGNMENTS
14
5
6
X7
X6
Y0
15
Y1
16
17
18
7
8
9
Y3
Y5
Y7
Y2
Y4
10
1
2
+24V
COM
X0
11
X1
12
13
3
4
X3
X5
X2
X4
Y6
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM
Common
10
+24V
24V DC
2
X0
Input 0
11
X1
Input 1
3
X2
Input 2
12
X3
Input 3
4
X4
Input 4
13
X5
Input 5
5
X6
Input 6
14
X7
Input 7
6
Y0
Output 0
15
Y1
Output 1
7
Y2
Output 2
16
Y3
Output 3
8
Y4
Output 4
17
Y5
Output 5
9
Y6
Output 6
18
Y7
Output 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com