Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC160GLFMLTH Datasheet(PDF) 44 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLFMLTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLFMLTH Datasheet(HTML) 44 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 48Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
44
Release from Deep Power-Down/Read Device ID (ABH)
The Release from Power-Down or Device ID instruction is a multi-purpose instruction. It can be used to
release the device from the Power-Down state or obtain the devices electronic identification (ID) number.
See Figure 26.a (SPI mode) &Figure 26.b (QPI mode), to release the device from the Power-Down state,
the instruction is issued by driving the /CS pin low, shifting the instruction code “ABH” and driving /CS high
Release from Power-Down will take the time duration of tRES1 (See AC Characteristics) before the device
will resume normal operation and other instruction are accepted. The /CS pin must remain high during the
tRES1 time duration.
When used only to obtain the Device ID while not in the Power-Down state, the instruction is initiated by
driving the /CS pin low and shifting the instruction code “ABH” followed by 3-dummy byte. The Device ID
bits are then shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in The
Device ID value for the ACE25QC160G is listed in Manufacturer and Device Identification table. The
Device ID can be read continuously. The instruction is completed by driving /CS high.
When used to release the device from the Power-Down state and obtain the Device ID, the instruction is
the same as previously described, and shown in Figure 26.c (SPI mode) &Figure 26.d (QPI mode), except
that after /CS is driven high it must remain high for a time duration of tRES2 (See AC Characteristics). After
this time duration the device will resume normal operation and other instruction will be accepted. If the
Release from Power-Down/Device ID instruction is issued while an Erase, Program or Write cycle is in
process (when WIP equal 1) the instruction is ignored and will not have any effects on the current cycle.
Figure 26.a. Release Power-Down Sequence Diagram (SPI mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com