Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC160GLFMLTH Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLFMLTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLFMLTH Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
12
(G)
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction the
SEC-BP0 bits to provide more flexibility for the array protection. Please see the Status registers
Memory Protection table for details. The default setting is CMP=0.
(H)
SUS1/SUS2 bit
The SUS1 and SUS2 bits are read only bits in the status register2 (S15 and S10) that are set to 1 after
executing an Erase/Program Suspend (75H) instruction (The Erase Suspend will set SUS1 to 1, and
the Program Suspend will set the SUS2 to 1). The SUS1 and SUS2 bits are cleared to 0 by
Erase/Program Resume (7AH) instruction as well as a power-down, power-up cycle.
(I)
DRV1/DRV0
The DRV1&DRV0 bits are used to determine the output driver strength for the Read instruction.
DRV1,DRV0
Driver Strength
00
100%(default)
01
75%
10
50%
11
25%
Status Register Protect Table
The Status Register Protect (SRP1 and SRP0) bita are non-volatile Read/Write bits in the Status Register.
The SRP bits control the morhod of write protection: software protection, hardware protection, power
supply lock-down or one time programmable protection.
Table4. ACE25QC160G Status Register protect table
SRP1
SRP0
/WP
Status Register
Description
0
0
X
Software Protected
The Status Register can be written to after a
Write Enable instruction, WEL=1.(Factory
Default)
0
1
0
Hardware Protected
/WP=0, the Status Register locked and
cannot be written.
0
1
1
Hardware Unprotected
/WP=1, the Status Register is unlocked and
can be written to after a Write Enable
instruction, WEL=1.
1
0
X
Power Supply Lock-Down(1)
Status Register is protected and cannot be
written to again until the next Power-Down,
Power-Up cycle.
1
1
X
One Time Program(2)
Status Register is permanently protected and
cannot be written to.
Notes:
1.
When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
2.
The One time Program feature is available upon special order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com