Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC160GLFMLTH Datasheet(PDF) 62 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLFMLTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLFMLTH Datasheet(HTML) 62 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLFMLTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 63Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 64Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 65Page - ACE Technology Co., LTD. ACE25QC160GLFMLTH Datasheet HTML 66Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
62
Enter QPI Mode (38H)
The ACE25QC160G support both Standard/Dual/Quad Serial Peripheral Interface (SPI) and Quad
Peripheral Interface (QPI). However, SPI mode and QPI mode cannot be used at the same time. “Enter
QPI (38h)” instruction is the only way to switch the device from SPI mode to QPI mode.
Upon power-up, the default state of the device upon is Standard/Dual/Quad SPI mode. This provides full
backward compatibility with earlier generations of ACE serial flash memories. See Instruction Set Table 1-
2 for all supported SPI commands. In order to switch the device to QPI mode, the Quad Enable (QE) bit in
Status Register-2 must be set to 1 first, and an “Enter QPI (38h)” instruction must be issued. If the Quad
Enable (QE) bit is 0, the “Enter QPI (38h)” instruction will be ignored and the device will remain in SPI
mode.
See Instruction Set Table 3 for all the commands supported in QPI mode.
When the device is switched from SPI mode to QPI mode, the existing Write Enable and Erase Suspend
status, and the Wrap Length setting will remain unchanged.
Exit QPI Mode (FFH)
In order to exit the QPI mode and return to the Standard/Dual/Quad SPI mode, an “Exit QPI (FFh)”
instruction must be issued.
When the device is switched from QPI mode to SPI mode, the existing Write Enable Latch (WEL) and
Erase Suspend status, and the Wrap Length setting will remain unchanged.
Figure43. Exit QPI Instruction (QPI Mode only)
Figure42. Enter QPI Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com