Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5601PEF0MLH4R Datasheet(PDF) 93 Page - NXP Semiconductors

Part # MPC5601PEF0MLH4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5601PEF0MLH4R Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MPC5601PEF0MLH4R Datasheet HTML 87Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 88Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 89Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 90Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 91Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 92Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 93Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 94Page - NXP Semiconductors MPC5601PEF0MLH4R Datasheet HTML 95Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
93
5
16 Dec 2011
Updated Section 1.5.28, Nexus Development Interface (NDI)
Table 1 (MPC5602P device comparison): changed Nexus L1+ with Nexus Class 1
Table 5 (Pin muxing): removed E[0] row
Table 7 (Absolute maximum ratings): updated minumum and maximum values for TVDD
parameter
Section 3.10, DC electrical characteristics: Removed oscillator margin.
Removed Section NVUSRO[OSCILLATOR_MARGIN] field description and Table
NVUSRO[OSCILLATOR_MARGIN] field description
Updated Section 3.8.1, Voltage regulator electrical characteristics
Updated Figure 8 (Voltage regulator configuration)
Table 14 (Voltage regulator electrical characteristics): added LReg row, updated condition
for CDEC1, CDEC2 and CDEC3
6
07 Dec 2012 Table 7 (Absolute maximum ratings): updated TVDD parameter, the minimum value to
3.0 V/s, added note on minimum value, and the maximum value to 0.5 V/µs
Table 18 (Supply current (5.0 V, NVUSRO[PAD3V5V] = 0)): added IDD_HV_REG row
Table 20 (Supply current (3.3 V, NVUSRO[PAD3V5V] = 1)): added IDD_HV_REG row
Updated Section 3.14.1, “Input impedance and ADC accuracy
Table 28 (ADC conversion characteristics): renamed “RSW1” in “RSW”
Table 29 (Program and erase specifications): added tESRT row
Table 40. Revision history (continued)
Revision
Date
Description of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com