Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7ML-YV2-R/F1 Datasheet(PDF) 28 Page - M-System Co.,Ltd.

Part # R7ML-YV2-R/F1
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-YV2-R/F1 Datasheet(HTML) 28 Page - M-System Co.,Ltd.

Back Button R7ML-YV2-R/F1 Datasheet HTML 24Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 25Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 26Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 27Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 28Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 29Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 30Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 31Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 32Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 28/40
• Averaging (SW1-4, 1-5, 1-6, 1-7)
SW1-4
SW1-5
SW1-6
SW1-7
Averaging
OFF
OFF
OFF
OFF
2 samples (*)
ON
OFF
OFF
OFF
4 samples
OFF
ON
OFF
OFF
8 samples
ON
ON
OFF
OFF
16 samples
OFF
OFF
ON
OFF
32 samples
ON
OFF
ON
OFF
64 samples
OFF
ON
ON
OFF
128 samples
ON
ON
ON
OFF
256 samples
OFF
OFF
OFF
ON
512 samples
ON
OFF
OFF
ON
1024 samples
• Excitation Voltage (SW1-8)
SW1-8
Excitation Voltage
OFF
5V (*)
ON
2.5V
TERMINAL ASSIGNMENTS
14
5
6
15
16
17
18
7
8
9
10
1
2
11
12
13
3
4
V0
C0
-EXC1
+EXC1 +IN1
NC
V1
-IN1
SLD1
NC
NC
-EXC0
+EXC0 +IN0
NC
-IN0
SLD0
C1
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
NC
No connection
2
-EXC0 Excitation 0-
11 +EXC0 Excitation 0+
3
-IN0
Input 0-
12
+IN0 Input 0+
4
SLD0 Shield 0
13
NC
No connection
5
C0
Voltage output 0-
14
V0
Voltage output 0+
6
-EXC1 Excitation 1-
15 +EXC1 Excitation 1+
7
-IN1
Input 1-
16
+IN1 Input 1+
8
SLD1 Shield 1
17
NC
No connection
9
C1
Voltage output 1-
18
V1
Voltage output 1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com