Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7ML-YV2-R/F1 Datasheet(PDF) 27 Page - M-System Co.,Ltd.

Part # R7ML-YV2-R/F1
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-YV2-R/F1 Datasheet(HTML) 27 Page - M-System Co.,Ltd.

Back Button R7ML-YV2-R/F1 Datasheet HTML 23Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 24Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 25Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 26Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 27Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 28Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 29Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 30Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 31Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 27/40
STRAIN GAUGE INPUT MODULE
MODEL: R7ML-LC2
SPECIFICATIONS
Isolation: Input 0 or monitor output 0 to input 1 or monitor
output 1 to MECHATROLINK or FE to power input
■ INPUT
Excitation: 5 V ±10% or 2.5 V ±10%
(Input range doubled in the case of 2.5 V excitation)
Changeable with switch
Maximum current: max. 60 mA (Up to 4 strain gauges of
350 Ω can be connected in parallel-adding connection at 5 V
excitation)
max. 100 mA (at 2.5 V excitation)
Input range:
Option code /R20
-2 – +2 mV/V (at 5 V excitation)
-4 – +4 mV/V (at 2.5 V excitation)
Option code /R10
-1 – +1 mV/V (at 5 V excitation)
-2 – +2 mV/V (at 2.5 V excitation)
Option code /R05
-0.5 – +0.5 mV/V (at 5 V excitation)
-1 – +1 mV/V (at 2.5 V excitation)
Max. Input range:
Option code /R20
-3 – +3 mV/V (at 5 V excitation)
-6 – +6 mV/V (at 2.5 V excitation)
Option code /R10
-1.5 – +1.5 mV/V (at 5 V excitation)
- 3 – +3 mV/V (at 2.5 V excitation)
Option code /R05
-0.75 – +0.75 mV/V (at 5 V excitation)
-1.5 – +1.5 mV/V (at 2.5 V excitation)
Zero adjustment:
Option code /R20
-1 – +1 mV/V (at 5 V excitation)
-2 – +2 mV/V (at 2.5 V excitation)
Option code /R10
-0.5 – +0.5 mV/V (at 5 V excitation)
-1 – +1 mV/V (at 2.5 V excitation)
Option code /R05
-0.25 – +0.25 mV/V (at 5 V excitation)
-0.5 – +0.5 mV/V (at 2.5 V excitation)
Accuracy:
Option code except /R05
±0.04% (Averaging 128 samples or more)
±0.05% (Averaging 64 samples)
±0.10% (Averaging 8, 16, 32 samples)
±0.15% (Averaging 4 samples)
±0.20% (Averaging 2 samples)
Option code /R05
±0.05% (Averaging 512 samplesor more)
±0.10% (Averaging 64, 128, 256 samples)
±0.20% (Averaging 16, 32 samples)
±0.30% (Averaging 2, 4, 8 samples)
Lowpass filter:
Approx. 2 kHz or approx. 2 Hz (option code /F2K)
Approx. 1 Hz or approx. 2 Hz (option code /F1)
Input delay time:
Lowpass filter 2 kHz max. 20 msec. (0 - 90%)
Lowpass filter 2 Hz max. 200 msec. (0 - 90%)
Lowpass filter 1 Hz max. 400 msec. (0 - 90%)
Conversion rate: min. 2000 samples/sec.
Resolution: 1/10000
Converted data range:
Input 0 / input 1: 0 – 10000 of the range from zero to span
Total input data: Sum of input 0 and input 1
Load coefficien: 10.00 – 100.00 (%)
Averaging: 2, 4, 8, 16, 32, 64, 128, 256, 512, 1024 samples
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
■ OUTPUT
Output range: 0 – 10 V (for input 0 – 100 %)
Operational range: -115 – +115 %
Load resistance: ≥ 100 kΩ
Conversion accuracy: ±0.1 %
Output delay time: ≤ 250 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
OPERATING MODE SETTING
(*) Factory setting
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
• Lowpass Filter (SW1-3)
SW1-3
Lowpass lter
OFF
2 kHz (/F2K) / 1 Hz (/F1) (*)
ON
2 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com